Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 89Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 90Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 91Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 92Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 93Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 94Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 95Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 96Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 92 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-37. Delta-sigma ADC DNL vs Output Code, 16-bit,
48 ksps, 25 °C VDDA = 3.3 V
Figure 11-38. Delta-sigma ADC INL vs Output Code, 16-bit,
48 ksps, 25 °C VDDA = 3.3 V
Table 11-26. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 20-bit, External Reference,
Differential[49]
Sample Rate, SPS
Input Voltage Range
± VREF
± VREF/2
± VREF/4
± VREF/8
± VREF/16
8
1.01
1.03
1.31
1.78
3.57
12
0.99
1.21
1.45
1.80
3.61
23
0.94
1.26
1.69
2.91
3.92
45
1.06
1.35
1.70
2.07
3.83
61
1.08
1.35
0.95
2.20
3.96
170
1.02
1.36
187
0.96
0
0.25
0.5
-0.5
-0.25
0
Code, 16 bit
0
0.5
1
-1
-0.5
0
Code, 16 bit
Note
49. The RMS noise (in volts) is the range (in volts) times noise in counts divided by 2^number of bits. RMS Noise = (Range × Counts) / 2^bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com