Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 88 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 88 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 84Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 85Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 86Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 87Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 88Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 89Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 90Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 91Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 92Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 87 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-30. Opamp Noise vs Frequency, Power Mode =
High, Vdda = 5V
Figure 11-31. Opamp Step Response, Rising
Figure 11-32. Opamp Step Response, Falling
Table 11-19. Opamp AC Specifications[44]
Parameter
Description
Conditions
Min
Typ
Max
Units
GBW
Gain-bandwidth product
Power mode = minimum, 15 pF load
1
–
–
MHz
Power mode = low, 15 pF load
2
–
–
MHz
Power mode = medium, 200 pF load
1
–
–
MHz
Power mode = high, 200 pF load
3
–
–
MHz
SR
Slew rate, 20% - 80%
Power mode = minimum, 15 pF load
1.1
–
–
V/µs
Power mode = low, 15 pF load
1.1
–
–
V/µs
Power mode = medium, 200 pF load
0.9
–
–
V/µs
Power mode = high, 200 pF load
3
–
–
V/µs
en
Input noise density
Power mode = high, Vdda = 5 V, at
100 kHz
–45
–
nV/sqrtHz
100
1000
10
100
0.01
0.1
1
10
100
1000
Frequency, kHz
06
0.8
1
1.2
0
0.2
0.4
0.6
-1
-0.5
0
0.5
1
Time, μs
Input
Output
06
0.8
1
1.2
Input
0
0.2
0.4
0.6
-1
-0.5
0
0.5
1
Time, μs
p
Output
Note
44. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com