Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 12Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 13Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 14Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 15Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 16Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 17Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 18Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 19Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 15 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
4.3.1 PHUB Features
CPU and DMA controller are both bus masters to the PHUB
Eight multi-layer AHB bus parallel access paths (spokes) for
peripheral access
Simultaneous CPU and DMA access to peripherals located on
different spokes
Simultaneous DMA source and destination burst transactions
on different spokes
Supports 8-, 16-, 24-, and 32-bit addressing and data
4.3.2 DMA Features
24 DMA channels
Each channel has one or more transaction descriptors (TDs)
to configure channel behavior. Up to 128 total TDs can be
defined
TDs can be dynamically updated
Eight levels of priority per channel
Any digitally routable signal, the CPU, or another DMA channel,
can trigger a transaction
Each channel can generate up to two interrupts per transfer
Transactions can be stalled or canceled
Supports transaction size of infinite or 1 to 64k bytes
Large transactions may be broken into smaller bursts of 1 to
127 bytes
TDs may be nested and/or chained for complex transactions
4.3.3 Priority Levels
The CPU always has higher priority than the DMA controller
when their accesses require the same bus resources. Due to the
system architecture, the CPU can never starve the DMA. DMA
channels of higher priority (lower priority number) may interrupt
current DMA transfers. In the case of an interrupt, the current
transfer is allowed to complete its current transaction. To ensure
latency limits when multiple DMA accesses are requested
simultaneously, a fairness algorithm guarantees an interleaved
minimum percentage of bus bandwidth for priority levels 2
through 7. Priority levels 0 and 1 do not take part in the fairness
algorithm and may use 100% of the bus bandwidth. If a tie occurs
on two DMA requests of the same priority level, a simple round
robin method is used to evenly share the allocated bandwidth.
The round robin allocation can be disabled for each DMA
channel, allowing it to always be at the head of the line. Priority
levels 2 to 7 are guaranteed the minimum bus bandwidth shown
in Table 4-4 after the CPU and DMA priority levels 0 and 1 have
satisfied their requirements.
When the fairness algorithm is disabled, DMA access is granted
based solely on the priority level; no bus bandwidth guarantees
are made.
4.3.4 Transaction Modes Supported
The flexible configuration of each DMA channel and the ability to
chain multiple channels allow the creation of both simple and
complex use cases. General use cases include, but are not
limited to:
4.3.4.1 Simple DMA
In a simple DMA case, a single TD transfers data between a
source and sink (peripherals or memory location). The basic
timing diagrams of DMA read and write cycles are shown in
Figure 4-2. For more description on other transfer modes, refer
to the Technical Reference Manual.
Table 4-3. PHUB Spokes and Peripherals
PHUB Spokes
Peripherals
0
SRAM
1
IOs, PICU, EMIF
2
PHUB local configuration, Power manager,
Clocks, IC, SWV, EEPROM, Flash
programming interface
3
Analog interface and trim, Decimator
4
USB, CAN, I2C, Timers, Counters, and PWMs
5
DFB
6
UDBs group 1
7
UDBs group 2
Table 4-4. Priority Levels
Priority Level
% Bus Bandwidth
0100.0
1
100.0
2
50.0
3
25.0
4
12.5
56.2
63.1
71.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com