Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 17Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 18Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 19Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 20Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 21Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 22Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 23Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 24Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 20 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
5.5 Nonvolatile Latches (NVLs)
PSoC has a 4-byte array of nonvolatile latches (NVLs) that are used to configure the device at reset. The NVL register map is shown
in Table 5-3.
The details for individual fields and their factory default settings are shown in Table 5-3:.
Although PSoC Creator provides support for modifying the device configuration NVLs, the number of NVL erase/write cycles is limited
– see “Nonvolatile Latches (NVL)” on page 117.
Table 5-2. Device Configuration NVL Register Map
Register Address
7
6
5
4
3
2
1
0
0x00
PRT3RDM[1:0]
PRT2RDM[1:0]
PRT1RDM[1:0]
PRT0RDM[1:0]
0x01
PRT12RDM[1:0]
PRT6RDM[1:0]
PRT5RDM[1:0]
PRT4RDM[1:0]
0x02
XRESMEN
DBGEN
PRT15RDM[1:0]
0x03
DIG_PHS_DLY[3:0]
ECCEN
DPS[1:0]
CFGSPEED
Table 5-3. Fields and Factory Default Settings
Field
Description
Settings
PRTxRDM[1:0]
Controls reset drive mode of the corresponding IO port.
See “Reset Configuration” on page 39. All pins of the port
are set to the same mode.
00b (default) - high impedance analog
01b - high impedance digital
10b - resistive pull up
11b - resistive pull down
XRESMEN
Controls whether pin P1[2] is used as a GPIO or as an
external reset. P1[2] is generally used as a GPIO, and not
as an external reset.
0 (default) - GPIO
1 - external reset
DBGEN
Debug Enable allows access to the debug system, for
third-party programmers.
0 - access disabled
1 (default) - access enabled
CFGSPEED
Controls the speed of the IMO-based clock during the
device boot process, for faster boot or low-power
operation
0 (default) - 12 MHz IMO
1 - 48 MHz IMO
DPS[1:0]
Controls the usage of various P1 pins as a debug port.
See “Programming, Debug Interfaces, Resources” on
page 61.
00b - 5-wire JTAG
01b (default) - 4-wire JTAG
10b - SWD
11b - debug ports disabled
ECCEN
Controls whether ECC flash is used for ECC or for general
configuration and data storage. See “Flash Program
Memory” on page 19.
0 - ECC disabled
1 (default) - ECC enabled
DIG_PHS_DLY[3:0]
Selects the digital clock phase delay.
See the TRM for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com