Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 68Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 69Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 70Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 71Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 72Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 73Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 74Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 75Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 71 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.3 Power Regulators
Specifications are valid for –40 °C
≤ TA ≤ 105 °C and TJ ≤ 120 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.3.1 Digital Core Regulator
Figure 11-5. Analog and Digital Regulators, VCC vs VDD,
10 mA Load
Figure 11-6. Digital Regulator PSRR vs Frequency and VDD
Table 11-3. AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
FCPU
CPU frequency
1.71 V
≤ VDDD ≤ 5.5 V
DC
–
80.01
MHz
FBUSCLK
Bus frequency
1.71 V
≤ VDDD ≤ 5.5 V
DC
–
80.01
MHz
SVDD[28]
VDD ramp rate
–
–
0.066
V/µs
TIO_INIT[28]
Time from VDDD/VDDA/VCCD/VCCA ≥ IPOR to
I/O ports set to their reset states
–
–
10
µs
TSTARTUP[28]
Time from VDDD/VDDA/VCCD/VCCA ≥ PRES
to CPU executing code at reset vector
VCCA/VDDA = regulated from
VDDA/VDDD, no PLL used, fast IMO
boot mode (48 MHz typ.)
–
–
33
µs
VCCA/VCCD = regulated from
VDDA/VDDD, no PLL used, slow IMO
boot mode (12 MHz typ.)
–
–
66
µs
TSLEEP[28]
Wakeup from sleep mode –
Application of non-LVD interrupt to beginning
of execution of next CPU instruction
–
–
25
µs
THIBERNATE[28] Wakeup from hibernate mode – Application
of external interrupt to beginning of
execution of next CPU instruction
–
–
150
µs
Note
28. Based on device characterization (Not production tested).
Table 11-4. Digital Core Regulator DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VDDD
Input voltage
1.8
–
5.5
V
VCCD
Output voltage
–
1.80
–
V
Regulator output capacitor
±10%, X5R ceramic or better. The two VCCD
pins must be shorted together, with as short
a trace as possible, see “Power System”
section on page 26
0.9
1
1.1
µF
60
80
100
0
20
40
0.1
1
10
100
1000
Frequency, kHz
Vdd=4.5V
Vdd=3.6V
Vdd=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com