Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 10Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 11Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 12Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 13Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 14Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 15Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 16Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 17Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 13 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
4. CPU
4.1 Arm Cortex-M3 CPU
The CY8C58LP family of devices has an Arm Cortex-M3 CPU core. The Cortex-M3 is a low-power 32-bit three-stage pipelined
Harvard-architecture CPU that delivers 1.25 DMIPS/MHz. It is intended for deeply embedded applications that require fast interrupt
handling features.
Figure 4-1. Arm Cortex-M3 Block Diagram
The Cortex-M3 CPU subsystem includes these features:
Arm Cortex-M3 CPU
Programmable nested vectored interrupt controller (NVIC),
tightly integrated with the CPU core
Full featured debug and trace modules, tightly integrated with
the CPU core
Up to 256 KB of flash memory, 2 KB of EEPROM, and 64 KB
of SRAM
Cache controller
Peripheral HUB (PHUB)
DMA controller
External memory interface (EMIF)
4.1.1 Cortex-M3 Features
The Cortex-M3 CPU features include:
4 GB address space. Predefined address regions for code,
data, and peripherals. Multiple buses for efficient and
simultaneous accesses of instructions, data, and peripherals.
The Thumb®-2 instruction set, which offers Arm-level
performance at Thumb-level code density. This includes 16-bit
and 32-bit instructions. Advanced instructions include:
Bit-field control
Hardware multiply and divide
Saturation
If-Then
Wait for events and interrupts
Exclusive access and barrier
Special register access
Nested
Vectored
Interrupt
Controller
(NVIC)
Debug Block
(Serial and
JTAG)
Embedded
Trace Module
(ETM)
Trace Port
Interface Unit
(TPIU)
Interrupt Inputs
JTAG/SWD
Trace Pins:
5 for TRACEPORT or
1 for SWV mode
Cortex M3 CPU Core
I- Bus
S-Bus
D-Bus
256 KB
ECC
Flash
1 KB
Cache
32 KB
SRAM
DMA
AHB Bridge & Bus Matrix
PHUB
GPIO &
EMIF
Prog.
Digital
Prog.
Analog
Special
Functions
Peripherals
AHB Spokes
AHB
AHB
AHB
Bus
Matrix
Cortex M3 Wrapper
C-Bus
Data
Watchpoint and
Trace (DWT)
Instrumentation
Trace Module
(ITM)
Flash Patch
and Breakpoint
(FPB)
Bus
Matrix
32 KB
SRAM
Bus
Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com