Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 58Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 59Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 60Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 61Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 62Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 63Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 64Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 65Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 61 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
9. Programming, Debug Interfaces,
Resources
The Cortex-M3 has internal debugging components, tightly
integrated with the CPU, providing the following features:
JTAG or SWD access
Flash Patch and Breakpoint (FPB) block for implementing
breakpoints and code patches
Data Watchpoint and Trigger (DWT) block for implementing
watchpoints, trigger resources, and system profiling
Embedded Trace Macrocell (ETM) for instruction trace
Instrumentation Trace Macrocell (ITM) for support of
printf-style debugging
PSoC devices include extensive support for programming,
testing, debugging, and tracing both hardware and firmware.
Four interfaces are available: JTAG, SWD, SWV, and
TRACEPORT. JTAG and SWD support all programming and
debug features of the device. JTAG also supports standard
JTAG scan chains for board level test and chaining multiple
JTAG devices to a single JTAG connection. The SWV and
TRACEPORT provide trace output from the DWT, ETM, and
ITM. TRACEPORT is faster but uses more pins. SWV is slower
but uses only one pin.
For more information on PSoC 5 programming, refer to the
PSoC 5 Device Programming Specification.
Cortex-M3 debug and trace functionality enables full device
debugging in the final system using the standard production
device. It does not require special interfaces, debugging pods,
simulators, or emulators. Only the standard programming
connections are required to fully support debug.
The PSoC Creator IDE software provides fully integrated
programming and debug support for PSoC devices. The low cost
MiniProg3 programmer and debugger is designed to provide full
programming and debug support of PSoC devices in conjunction
with the PSoC Creator IDE. PSoC JTAG, SWD, and SWV
interfaces are fully compatible with industry standard third party
tools.
All Cortex-M3 debug and trace modules are disabled by default
and can only be enabled in firmware. If not enabled, the only way
to reenable them is to erase the entire device, clear flash
protection, and reprogram the device with new firmware that
enables them. Disabling debug and trace features, robust flash
protection, and hiding custom analog and digital functionality
inside the PSoC device provide a level of security not possible
with multichip application solutions. Additionally, all device
interfaces can be permanently disabled (Device Security) for
applications concerned about phishing attacks due to a
maliciously reprogrammed device. Permanently disabling
interfaces is not recommended in most applications because the
designer then cannot access the device later. Because all
programming, debug, and test interfaces are disabled when
Device Security is enabled, PSoCs with Device Security enabled
may not be returned for failure analysis.
9.1 JTAG Interface
The IEEE 1149.1 compliant JTAG interface exists on four or five
pins (the nTRST pin is optional). The JTAG clock frequency can
be up to 12 MHz, or 1/3 of the CPU clock frequency for 8 and
16-bit transfers, or 1/5 of the CPU clock frequency for 32-bit
transfers, whichever is least. By default, the JTAG pins are
enabled on new devices but the JTAG interface can be disabled,
allowing these pins to be used as General Purpose I/O (GPIO)
instead. The JTAG interface is used for programming the flash
memory, debugging, I/O scan chains, and JTAG device chaining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com