Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 69Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 70Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 71Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 72Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 73Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 74Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 75Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 76Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 72 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.3.2 Analog Core Regulator
Figure 11-7. Analog Regulator PSRR vs Frequency and VDD
11.3.3 Inductive Boost Regulator
Unless otherwise specified, operating conditions are: VBAT = 0.5 V–3.6 V, VOUT = 1.8 V–5.0 V, IOUT = 0 mA–50 mA,
LBOOST = 4.7 µH–22 µH, CBOOST = 22 µF || 3 × 1.0 µF || 3 × 0.1 µF, CBAT = 22 µF, IF = 1.0 A. Unless otherwise specified, all charts
and graphs show typical values.
Table 11-5. Analog Core Regulator DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VDDA
Input voltage
1.8
–
5.5
V
VCCA
Output voltage
–
1.80
–
V
Regulator output capacitor
±10%, X5R ceramic or better
0.9
1
1.1
µF
60
80
100
0
20
40
0.1
1
10
100
1000
Frequency, KHz
Vdd=4.5V
Vdd=3.6V
Vdd=2.7V
Table 11-6. Inductive Boost Regulator DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VOUT
Boost output voltage[29]
vsel = 1.8 V in register BOOST_CR0
1.71
1.8
1.89
V
vsel = 1.9 V in register BOOST_CR0
1.81
1.90
2.00
V
vsel = 2.0 V in register BOOST_CR0
1.90
2.00
2.10
V
vsel = 2.4 V in register BOOST_CR0
2.16
2.40
2.64
V
vsel = 2.7 V in register BOOST_CR0
2.43
2.70
2.97
V
vsel = 3.0 V in register BOOST_CR0
2.70
3.00
3.30
V
vsel = 3.3 V in register BOOST_CR0
2.97
3.30
3.63
V
vsel = 3.6 V in register BOOST_CR0
3.24
3.60
3.96
V
vsel = 5.0 V in register BOOST_CR0
4.50
5.00
5.50
V
VBAT
Input voltage to boost[30]
IOUT = 0 mA–5 mA vsel = 1.8 V–2.0 V,
TA = 0 °C–70 °C
0.5
–
0.8
V
IOUT = 0 mA–15 mA vsel = 1.8 V–5.0 V[31],
TA = –10 °C–85 °C
1.6
–
3.6
V
IOUT = 0 mA–25 mA vsel = 1.8 V–2.7 V,
TA = –10 °C–85 °C
0.8
–
1.6
V
IOUT = 0 mA–50 mA vsel = 1.8 V–3.3 V[31],
TA = –40 °C–85 °C
1.8
–
2.5
V
vsel = 1.8 V–3.3 V[31],
TA = –10 °C–85 °C
1.3
–
2.5
V
vsel = 2.5 V–5.0 V[31],
TA = –10 °C–85 °C
2.5
–
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com