Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 73Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 74Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 75Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 76Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 77Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 78Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 79Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 80Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 76 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.4 Inputs and Outputs
Specifications are valid for –40 °C
≤ TA ≤ 105 °C and TJ ≤ 120 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted. Unless otherwise specified, all charts and graphs show typical values.
When the power supplies ramp up, the pin voltages are indeterminate until both VDDIO and VDDA reach the IPOR voltage, which can
be as high as 1.45 V. At that point, the pins change to their normal NVL settings.
11.4.1 GPIO
Table 11-8. GPIO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIH
Input voltage high threshold
CMOS Input, PRT[x]CTL = 0
0.7
× VDDIO
––
V
VIL
Input voltage low threshold
CMOS Input, PRT[x]CTL = 0
–
–
0.3
×
VDDIO
V
VIH
Input voltage high threshold
LVTTL Input, PRT[x]CTL = 1, VDDIO < 2.7 V 0.7 x VDDIO
––
V
VIH
Input voltage high threshold
LVTTL Input, PRT[x]CTL = 1, VDDIO ≥ 2.7 V
2.0
–
–
V
VIL
Input voltage low threshold
LVTTL Input, PRT[x]CTL = 1, VDDIO < 2.7 V
–
–
0.3 x
VDDIO
V
VIL
Input voltage low threshold
LVTTL Input, PRT[x]CTL = 1, VDDIO ≥ 2.7 V
–
–
0.8
V
VOH
Output voltage high
IOH = 4 mA at 3.3 VDDIO
VDDIO – 0.6
–
–
V
IOH = 1 mA at 1.8 VDDIO
VDDIO – 0.5
–
–
V
VOL
Output voltage low
IOL = 8 mA at 3.3 VDDIO
––
0.6
V
IOL = 3 mA at 3.3 VDDIO
––
0.4
V
IOL = 4 mA at 1.8 VDDIO
––
0.6
V
Rpullup
Pull-up resistor
3.5
5.6
8.5
k
Ω
Rpulldown Pull-down resistor
3.5
5.6
8.5
k
Ω
IIL
Input leakage current (absolute
value)[34]
25 °C, VDDIO = 3.0 V
–
–
2
nA
CIN
Input capacitance[34]
P0.0, P0.1, P0.2, P3.6, P3.7
–
17
20
pF
P0.3, P0.4, P3.0, P3.1, P3.2
–
10
15
pF
P0.6, P0.7, P15.0, P15.6, P15.7[35]
–7
12
pF
All other GPIOs
–
5
9
pF
VH
Input voltage hysteresis
(Schmitt-Trigger)[34]
–40
–
mV
Idiode
Current through protection diode
to VDDIO and VSSIO
––
100
µA
Rglobal
Resistance pin to analog global
bus
25 °C, VDDIO = 3.0 V
–
320
–
Ω
Rmux
Resistance pin to analog mux bus 25 °C, VDDIO = 3.0 V
–
220
–
Ω
Notes
34. Based on device characterization (Not production tested).
35. For information on designing with PSoC oscillators, refer to the application note, AN54439 - PSoC® 3 and PSoC 5 External Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com