Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 94Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 95Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 96Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 97Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 98Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 99Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 100Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 101Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 97 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.5 Analog Globals
Table 11-30. Analog Globals DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Rppag
Resistance pin-to-pin through
P2[4], AGL0, DSM INP, AGL1,
P2[5][55, 57]
VDDA = 3.0 V
–
1500
2200
Ω
VDDA = 1.71 V
–
1200
1700
Ω
Rppmuxbus
Resistance pin-to-pin through
P2[3], amuxbusL, P2[4][55, 57]
VDDA = 3.0 V
–
700
1100
Ω
VDDA = 1.71 V
–
600
900
Ω
Table 11-31. Analog Globals AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Inter-pair crosstalk for analog
routes[56]
106
––dB
BWag
Analog globals 3 db bandwidth[56] VDDA = 3.0 V, 25 °C
–
26
–
MHz
Notes
55. Based on device characterization (Not production tested).
56. Pin P6[4] to del-sig ADC input; calculated, not measured.
57. The resistance of the analog global and analog mux bus is high if VDDA ≤ 2.7 V, and the chip is in either sleep or hibernate mode. Use of analog global and analog
mux bus under these conditions is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com