Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 9Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 10Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 11Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 12Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 13Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 14Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 15Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 16Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 12 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
3. Pin Descriptions
IDAC0, IDAC1, IDAC2, IDAC3. Low-resistance output pin for
high-current DACs (IDAC).
Opamp0out, Opamp1out, Opamp2out, Opamp3out. High
current output of uncommitted opamp.[7]
Extref0, Extref1. External reference input to the analog system.
SAR0 EXTREF, SAR1 EXTREF. External references for SAR
ADCs
Opamp0-, Opamp1-, Opamp2-, Opamp3-. Inverting input to
uncommitted opamp.
Opamp0+, Opamp1+, Opamp2+, Opamp3+. Noninverting
input to uncommitted opamp.
GPIO. Provides interfaces to the CPU, digital peripherals,
analog peripherals, interrupts, LCD segment drive, and
CapSense.[7]
I2C0: SCL, I2C1: SCL. I2C SCL line providing wake from sleep
on an address match. Any I/O pin can be used for I2C SCL if
wake from sleep is not required.
I2C0: SDA, I2C1: SDA. I2C SDA line providing wake from sleep
on an address match. Any I/O pin can be used for I2C SDA if
wake from sleep is not required.
Ind. Inductor connection to boost pump.
kHz XTAL: Xo, kHz XTAL: Xi. 32.768-kHz crystal oscillator pin.
MHz XTAL: Xo, MHz XTAL: Xi. 4 to 25-MHz crystal oscillator
pin.
nTRST. Optional JTAG Test Reset programming and debug port
connection to reset the JTAG connection.
SIO. Provides interfaces to the CPU, digital peripherals and
interrupts with a programmable high threshold voltage, analog
comparator, high sink current, and high impedance state when
the device is unpowered.
SWDCK. SWD Clock programming and debug port connection.
SWDIO. SWD Input and Output programming and debug port
connection.
TCK. JTAG Test Clock programming and debug port
connection.
TDI. JTAG Test Data In programming and debug port
connection.
TDO. JTAG Test Data Out programming and debug port
connection.
TMS. JTAG Test Mode Select programming and debug port
connection.
TRACECLK. Cortex-M3 TRACEPORT connection, clocks
TRACEDATA pins.
TRACEDATA[3:0]. Cortex-M3
TRACEPORT
connections,
output data.
SWV. SWV output.
USBIO, D+. Provides D+ connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from VDDD instead
of from a VDDIO. Pins are Do Not Use (DNU) on devices without
USB.
USBIO, D-. Provides D- connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from VDDD instead
of from a VDDIO. Pins are Do Not Use (DNU) on devices without
USB.
VBOOST. Power sense connection to boost pump.
VBAT. Battery supply to boost pump.
VCCA. Output of the analog core regulator or the input to
the analog core. Requires a 1uF capacitor to VSSA. The
regulator output is not designed to drive external circuits. Note
that if you use the device with an external core regulator
(externally regulated mode), the voltage applied to this pin
must not exceed the allowable range of 1.71 V to 1.89 V.
When using the internal core regulator, (internally regulated
mode, the default), do not tie any power to this pin. For details
see Power System on page 26.
VCCD. Output of the digital core regulator or the input to the
digital core. The two VCCD pins must be shorted together, with
the trace between them as short as possible, and a 1uF capacitor
to VSSD. The regulator output is not designed to drive external
circuits. Note that if you use the device with an external core
regulator (externally regulated mode), the voltage applied to
this pin must not exceed the allowable range of 1.71 V to
1.89 V. When using the internal core regulator (internally
regulated mode, the default), do not tie any power to this pin. For
details see Power System on page 26.
VDDA. Supply for all analog peripherals and analog core
regulator. VDDA must be the highest voltage present on the
device. All other supply pins must be less than or equal to
VDDA.
VDDD. Supply for all digital peripherals and digital core
regulator. VDDD must be less than or equal to VDDA.
VSSA. Ground for all analog peripherals.
VSSB. Ground connection for boost pump.
VSSD. Ground for all digital logic and I/O pins.
VDDIO0, VDDIO1, VDDIO2, VDDIO3. Supply for I/O pins. Each
VDDIO must be tied to a valid operating voltage (1.71 V to 5.5 V),
and must be less than or equal to VDDA.
XRES. External reset pin. Active low with internal pull-up.
Note
7. GPIOs with opamp outputs are not recommended for use with CapSense.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com