Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 45Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 46Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 47Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 48Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 49Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 50Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 51Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 52Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 48 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 7-15. CAN Controller Block Diagram
7.6 USB
PSoC includes a dedicated Full-Speed (12 Mbps) USB 2.0
transceiver supporting all four USB transfer types: control,
interrupt, bulk, and isochronous. PSoC Creator provides full
configuration support. USB interfaces to hosts through two
dedicated USBIO pins, which are detailed in the I/O System and
Routing on page 33.
USB includes the following features:
Eight unidirectional data endpoints
One bidirectional control endpoint 0 (EP0)
Shared 512-byte buffer for the eight data endpoints
Dedicated 8-byte buffer for EP0
Three memory modes
Manual Memory Management with No DMA Access
Manual Memory Management with Manual DMA Access
Automatic Memory Management with Automatic DMA
Access
Internal 3.3 V regulator for transceiver
Internal 48 MHz oscillator that auto locks to USB bus clock,
requiring no external crystal for USB (USB equipped parts only)
Interrupts on bus and each endpoint event, with device wakeup
USB Reset, Suspend, and Resume operations
Bus powered and self powered modes
Figure 7-16. USB
TxMessage0
TxReq
TxAbort
TxMessage7
TxReq
TxAbort
TxMessage1
TxReq
TxAbort
TxMessage6
TxReq
TxAbort
Priority
Arbiter
RxMessage0
RxMessage15
RxMessage1
RxMessage14
RxMessage
Handler
Acceptance Code 0
Acceptance Mask 0
Acceptance Code 1
Acceptance Mask 1
Acceptance Code 14
Acceptance Mask 14
Acceptance Code 15
Acceptance Mask 15
RTR RxMessages
0-15
Tx
CAN
Framer
CRC
Generator
Rx
CAN
Framer
CRC Check
Bit Timing
Error Detection
CRC
Form
ACK
Bit Stuffing
Bit Error
Overload
Arbitration
TxInterrupt
Request
(if enabled)
RxInterrupt
Request
(if enabled)
Error Status
Χ
Error Active
Η
Error Passive
Bus Off
Tx Error Counter
Rx Error Counter
ErrInterrupt
Request
(if enabled)
WakeUp
Request
Rx Buffer
Status
RxMessage
Available
Tx Buffer
Status
TxReq
Pending
Rx
Tx
S I E
(Serial Interface
Engine)
48 MHz
IMO
Arbiter
512 X 8
SRAM
USB
I/O
D+
D–
Interrupts
External 22
Ω
Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com