Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 81Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 82Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 83Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 84Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 85Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 86Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 87Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 88Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 84 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-24. USBIO Output Low Voltage and Current,
GPIO Mode
11.4.4 XRES
Table 11-15. USB Driver AC Specifications[42]
Parameter
Description
Conditions
Min
Typ
Max
Units
Tr
Transition rise time
–
–
20
ns
Tf
Transition fall time
–
–
20
ns
TR
Rise/fall time matching
VUSB_5, VUSB_3.3, see USB DC
Specifications on page 114
90%
–
111%
Vcrs
Output signal crossover voltage
1.3
–
2
V
Table 11-16. XRES DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIH
Input voltage high threshold
0.7
× VDDIO
––
V
VIL
Input voltage low threshold
–
–
0.3
×VDDIO
V
Rpullup
Pull-up resistor
3.5
5.6
8.5
k
Ω
CIN
Input capacitance[42]
–3
pF
VH
Input voltage hysteresis
(Schmitt-Trigger)[42]
–100
–
mV
Idiode
Current through protection diode to
VDDIO and VSSIO
–
–
100
µA
Table 11-17. XRES AC Specifications[42]
Parameter
Description
Conditions
Min
Typ
Max
Units
TRESET
Reset pulse width
1
–
–
µs
Note
42. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com