Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 80Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 81Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 82Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 83Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 84Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 85Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 86Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 87Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 83 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-22. USBIO Output High Voltage and Current,
GPIO Mode
Figure 11-23. USBIO Output Rise and Fall Times, GPIO Mode,
VDDD = 3.3 V, 25 pF Load
Table 11-14. USBIO AC Specifications[41]
Parameter
Description
Conditions
Min
Typ
Max
Units
Tdrate
Full-speed data rate average bit rate
12 – 0.25%
12
12 +
0.25%
MHz
Tjr1
Receiver data jitter tolerance to next
transition
–8
–
8
ns
Tjr2
Receiver data jitter tolerance to pair
transition
–5
–
5
ns
Tdj1
Driver differential jitter to next transition
–3.5
–
3.5
ns
Tdj2
Driver differential jitter to pair transition
–4
–
4
ns
Tfdeop
Source jitter for differential transition to
SE0 transition
–2
–
5
ns
Tfeopt
Source SE0 interval of EOP
160
–
175
ns
Tfeopr
Receiver SE0 interval of EOP
82
–
–
ns
Tfst
Width of SE0 interval during differential
transition
––
14
ns
Fgpio_out
GPIO mode output operating frequency 3 V
≤ VDDD ≤ 5.5 V
–
–
20
MHz
VDDD = 1.71 V
–
–
6
MHz
Tr_gpio
Rise time, GPIO mode, 10%/90% VDDD VDDD > 3 V, 25 pF load
–
–
12
ns
VDDD = 1.71 V, 25 pF load
–
–
40
ns
Tf_gpio
Fall time, GPIO mode, 90%/10% VDDD VDDD > 3 V, 25 pF load
–
–
12
ns
VDDD = 1.71 V, 25 pF load
–
–
40
ns
Note
41. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com