Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 65Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 66Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 67Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 68Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 69Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 70Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 71Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 72Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 68 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.2 Device Level Specifications
Specifications are valid for –40 °C
≤ TA ≤ 105 °C and TJ ≤ 120 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted. Unless otherwise specified, all charts and graphs show typical values.
Notes
17. The power supplies can be brought up in any sequence. However, once stable, VDDA must be greater than or equal to all other supplies.
18. The VDDIO supply voltage must be greater than the maximum voltage on the associated GPIO pins. Maximum voltage on GPIO pin ≤ VDDIO ≤ VDDA.
19. Guaranteed by design, not production tested.
20. The current consumption of additional peripherals that are implemented only in programmed logic blocks can be found in their respective datasheets, available in PSoC
Creator, the integrated design environment. To estimate total current, find CPU current at frequency of interest and add peripheral currents for your particular system
from the device datasheet and component datasheets.
21. Based on device characterization (Not production tested).
Table 11-2. DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VDDA
Analog supply voltage and input to analog core regulator Analog core regulator enabled
1.8
–
5.5
V
VDDA
Analog supply voltage, analog regulator bypassed
Analog core regulator disabled
1.71
1.8
1.89
V
VDDD
Digital supply voltage relative to VSSD
Digital core regulator enabled
1.8
–
VDDA[17]
V
––
VDDA + 0.1[19]
VDDD
Digital supply voltage, digital regulator bypassed
Digital core regulator disabled
1.71
1.8
1.89
V
VDDIO[18]
I/O supply voltage relative to VSSIO
1.71
–
VDDA[17]
V
––
VDDA + 0.1[19]
VCCA
Direct analog core voltage input (Analog regulator
bypass)
Analog core regulator disabled
1.71
1.8
1.89
V
VCCD
Direct digital core voltage input (Digital regulator bypass) Digital core regulator disabled
1.71
1.8
1.89
V
IDD[20]
Active Mode
Sum of digital and analog IDDD + IDDA. IDDIOX for I/Os not
included. IMO enabled, bus clock and CPU clock
enabled. CPU executing complex program from flash.
VDDX = 2.7 V to 5.5 V;
FCPU = 3 MHz[21]
T = –40 °C
–
1.9
3.8
mA
T = 25 °C
–
1.9
3.8
T = 85 °C
–
2
3.8
T = 105 °C
–
2
3.8
VDDX = 2.7 V to 5.5 V;
FCPU = 6 MHz
T = –40 °C
–
3.1
5
T = 25 °C
–
3.1
5
T = 85 °C
–
3.2
5
T = 105 °C
–
3.2
5
VDDX = 2.7 V to 5.5 V;
FCPU = 12 MHz[21]
T = –40 °C
–
5.4
7
T = 25 °C
–
5.4
7
T = 85 °C
–
5.6
7
T = 105 °C
–
5.6
7
VDDX = 2.7 V to 5.5 V;
FCPU = 24 MHz[21]
T = –40 °C
–
8.9
10.5
T = 25 °C
–
8.9
10.5
T = 85 °C
–
9.1
10.5
T = 105 °C
–
9.1
10.5
VDDX = 2.7 V to 5.5 V;
FCPU = 48 MHz[21]
T = –40 °C
–
15.5
17
T = 25 °C
–
15.4
17
T = 85 °C
–
15.7
17
T = 105 °C
–
15.7
17.25
VDDX = 2.7 V to 5.5 V;
FCPU = 62 MHz
T = –40 °C
–
18
19.5
T = 25 °C
–
18
19.5
T = 85 °C
–
18.5
19.5
T = 105 °C
–
19
21
VDDX = 2.7 V to 5.5 V;
FCPU = 74 MHz
T = –40 °C
–
26.5
30
T = 25 °C
–
26.5
30
T = 85 °C
–
27
30
T = 105 °C
–
27
30
VDDX = 2.7 V to 5.5 V;
FCPU = 80 MHz, IMO
= 3 MHz with PLL
T = –40 °C
–
22
25.5
T = 25 °C
–
22
25.5
T = 85 °C
–
22.5
25.5
T = 105 °C
–
22.5
25.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com