Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 137 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 137 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 132Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 133Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 134Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 135Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 136Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 137Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 138Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 139Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 140Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 137 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 136 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
*H
4698847
03/24/2015
Updated Features:
Added “Extended temperature parts: –40 to 105 °C” as indented under “Temperature range
(ambient)” under “Operating characteristics”.
Updated System Integration:
Updated Power System:
Updated Boost Converter:
Updated entire section.
Updated Electrical Specifications:
Replaced “Specifications are valid for –40 °C ≤ TA ≤ 85 °C and TJ ≤ 100 °C, except where
noted.” with “Specifications are valid for –40 °C ≤ TA ≤ 105 °C and TJ ≤ 120 °C, except
where noted.” in all instances.
Updated Device Level Specifications:
Updated Table 11-2:
Added details of IDD parameter corresponding to “T = 105 °C”.
Updated Figure 11-3 and Figure 11-4.
Updated Power Regulators:
Updated Inductive Boost Regulator:
Updated Table 11-6:
Updated details of VBAT, IOUT, VOUT, RegLOAD, RegLINE parameters.
Removed VOUT: VBAT parameter and its details.
Removed Table “Inductive Boost Regulator AC Specifications”.
Updated Table 11-7:
Updated details of LBOOST, CBOOST parameters.
Added CBAT parameter and its details.
Added Figure 11-8, Figure 11-9, Figure 11-10, Figure 11-11, Figure 11-12, Figure 11-13,
Figure 11-14.
Removed Figure “Efficiency vs IOUT VBOOST = 3.3 V, LBOOST = 10 μH”.
Removed Figure “Efficiency vs IOUT VBOOST = 3.3 V, LBOOST = 22 μH”.
Updated Analog Peripherals:
Updated Opamp:
Updated Figure 11-26.
Updated Delta-Sigma ADC:
Updated Table 11-20:
Added details of CMRRb parameter corresponding to condition “TA ≤ 105 °C”.
Updated Table 11-21:
Added details of SINAD16int parameter corresponding to condition
“TA ≤ 105 °C”.
Updated Voltage Reference:
Updated Table 11-27:
Added details of VREF parameter corresponding to condition “105 °C”.
Updated Figure 11-39.
Updated Current Digital-to-analog Converter (IDAC):
Updated Figure 11-51, Figure 11-52, Figure 11-53, Figure 11-54, Figure 11-55,
Figure 11-56.
Updated Voltage Digital to Analog Converter (VDAC):
Updated Figure 11-63, Figure 11-64, Figure 11-65, Figure 11-66, Figure 11-67,
Figure 11-68.
Updated Programmable Gain Amplifier:
Updated Table 11-43:
Added details of BW1 parameter corresponding to condition “TA ≤ 105 °C”.
Updated Figure 11-74.
Updated Temperature Sensor:
Updated Table 11-44:
Replaced 85 °C with 105 °C.
Document History Page (continued)
Description Title: PSoC® 5LP: CY8C58LP Family Datasheet Programmable System-on-Chip (PSoC®)
Document Number: 001-84932
Revision
ECN
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com