Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 12Page - Texas Instruments TMUX4821 Datasheet HTML 13Page - Texas Instruments TMUX4821 Datasheet HTML 14Page - Texas Instruments TMUX4821 Datasheet HTML 15Page - Texas Instruments TMUX4821 Datasheet HTML 16Page - Texas Instruments TMUX4821 Datasheet HTML 17Page - Texas Instruments TMUX4821 Datasheet HTML 18Page - Texas Instruments TMUX4821 Datasheet HTML 19Page - Texas Instruments TMUX4821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
14.5 Propagation Delay
Propagation delay is defined as the time taken by the output of the device to rise or fall 50% after the input signal
has risen or fallen past the 50% threshold. Figure 14-5 shows the setup used to measure propagation delay,
denoted by the symbol tPD.
RL
CL
VDD
0.1 µF
GND
Output
VS
250 mV
0 V
tPD 1
Output
0 V
tProp Delay = max ( tPD 1, tPD 2)
Input
(VS)
tr < 40ps
tf < 40ps
tPD 2
50%
50%
50%
50%
50 Ω
D
SB
SA
Figure 14-5. Propagation Delay Measurement Setup
14.6 tON (VDD) and tOFF (VDD) Time
The tON (VDD) time is defined as the time taken by the output of the device to rise 90% after the supply has risen
past the supply threshold. The 90% measurement is used to provide the timing of the device turning on in the
system. Figure 14-6 shows the setup used to measure turn on time, denoted by the symbol tON (VDD)
1.5 V
t
ON
90%
10%
OUTPUT
0 V
V
DD
t
OFF
V
S
OUTPUT
R
L
C
L
D1
GND
0 V
t
r = 1
s
t
f = 1
s
V
DD
S1B
S1A
V
S
OUTPUT
R
L
C
L
D2
S2B
S2A
V
DD
1.5 V
Figure 14-6. tON (VDD) and tOFF (VDD) Time Measurement Setup
14.7 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 10% after the control signal
has risen or fallen past the logic threshold. The 10% transition measurement is utilized to provide the timing of
the device. System level timing can then account for the time constant added from the load resistance and load
capacitance. Figure 14-7 shows the setup used to measure transition time, denoted by the symbol tTRANSITION.
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com