Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 23Page - Texas Instruments TMUX4821 Datasheet HTML 24Page - Texas Instruments TMUX4821 Datasheet HTML 25Page - Texas Instruments TMUX4821 Datasheet HTML 26Page - Texas Instruments TMUX4821 Datasheet HTML 27Page - Texas Instruments TMUX4821 Datasheet HTML 28Page - Texas Instruments TMUX4821 Datasheet HTML 29Page - Texas Instruments TMUX4821 Datasheet HTML 30Page - Texas Instruments TMUX4821 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
16.3 Power Supply Recommendations
The operates across a wide supply range from 1.8V to 5.5V, while supporting input or output signals from -15V
to 15V.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the supply
rails to other components. Good power-supply decoupling is important to achieve optimum performance. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF at VDD
to ground. Place the bypass capacitors as close to the power supply pin of the device as possible using
low-impedance connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that offer low
equivalent series resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling purposes.
For very sensitive systems, or for systems in harsh noise environments, avoiding the use of vias for connecting
the capacitors to the device pins may offer superior noise immunity. The use of multiple vias in parallel lowers
the overall inductance and is beneficial for connections to ground and power planes. Always confirm that the
ground (GND) connection is established before supplies are ramped.
16.4 Layout
16.4.1 Layout Guidelines
When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection occurs primarily because of
the change of width of the trace. At the apex of the turn, the trace width increases to 1.414 times the width. This
increase upsets the transmission-line characteristics, especially the distributed capacitance and self-inductance
of the trace which results in the reflection. Not all PCB traces can be straight and therefore some traces must
turn corners. Figure 16-6 shows progressively better techniques of rounding corners. Only the last example
(BEST) maintains constant trace width and minimizes reflections.
WORST
BETTER
BEST
1W min.
W
Figure 16-6. Trace Example
Route high-speed signals using a minimum of vias and corners which reduces signal reflections and impedance
changes. When a via must be used, increase the clearance size around it to minimize its capacitance.
Each via introduces discontinuities in the signal’s transmission line and increases the chance of picking up
interference from the other layers of the board. Be careful when designing test points, through-hole pins are not
recommended at high frequencies.
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com