Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 16Page - Texas Instruments TMUX4821 Datasheet HTML 17Page - Texas Instruments TMUX4821 Datasheet HTML 18Page - Texas Instruments TMUX4821 Datasheet HTML 19Page - Texas Instruments TMUX4821 Datasheet HTML 20Page - Texas Instruments TMUX4821 Datasheet HTML 21Page - Texas Instruments TMUX4821 Datasheet HTML 22Page - Texas Instruments TMUX4821 Datasheet HTML 23Page - Texas Instruments TMUX4821 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
GND
NETWORK
ANALYZER
V
OUT
S
D
50
V
SIG
R
L
50
SxA / SxB
R
L
50
V
S
V
DD
0.1 µF
Figure 14-13. Off Isolation Measurement Setup
Off Isolation = 20 × Log  VOUTVS
(1)
14.14 Crosstalk
Crosstalk is defined as the ratio of the signal at the drain pin (D) of a different channel, when a signal is applied
at the source pin (Sx) of an on-channel. Figure 14-14 shows the setup used to measure, and the equation used
to calculate crosstalk.
NETWORK
ANALYZER
VDD
0.1 µF
VDD
GND
SA
VSIG = 200 mVpp
VBIAS = VDD / 2
50
VOUT
RL
D
50
SB
VS
50
RL
Figure 14-14. Crosstalk Measurement Setup
Cℎannel−to−Cℎannel Crosstalk = 20 × Log  VOUTVS
(2)
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com