Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 15Page - Texas Instruments TMUX4821 Datasheet HTML 16Page - Texas Instruments TMUX4821 Datasheet HTML 17Page - Texas Instruments TMUX4821 Datasheet HTML 18Page - Texas Instruments TMUX4821 Datasheet HTML 19Page - Texas Instruments TMUX4821 Datasheet HTML 20Page - Texas Instruments TMUX4821 Datasheet HTML 21Page - Texas Instruments TMUX4821 Datasheet HTML 22Page - Texas Instruments TMUX4821 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
V
DD
V
DD
OUTPUT
C
L
SELx
SA
D
GND
0.1
F
V
OUT
Output
V
S
Q
C = CL ×
V
OUT
V
OUT
V
SEL
V
D
SB
N.C.
0 V
V
DD
VSEL
Figure 14-11. Charge Injection Measurement Setup
14.12 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (Dx) of the device. Figure
14-12 shows the setup used to measure bandwidth.
GND
NETWORK
ANALYZER
V
OUT
S
D
50
V
SIG
R
L
50
V
S
V
DD
0.1 µF
SxA / SxB
R
L
50
Figure 14-12. Bandwidth Measurement Setup
14.13 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to
the source pin (Sx) of an off-channel. Figure 14-13 shows the setup used to measure, and the equation used to
calculate off isolation.
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com