Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 6Page - Texas Instruments TMUX4821 Datasheet HTML 7Page - Texas Instruments TMUX4821 Datasheet HTML 8Page - Texas Instruments TMUX4821 Datasheet HTML 9Page - Texas Instruments TMUX4821 Datasheet HTML 10Page - Texas Instruments TMUX4821 Datasheet HTML 11Page - Texas Instruments TMUX4821 Datasheet HTML 12Page - Texas Instruments TMUX4821 Datasheet HTML 13Page - Texas Instruments TMUX4821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
13 Typical Characteristics
at TA = 25°C (unless otherwise noted)
VS or VD - Source or Drain Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
0.15
0.151
0.152
0.153
0.154
0.155
0.156
0.157
0.158
0.159
0.16
0.161
0.162
0.163
0.164
0.165
0.166
0.167
0.168
VDD = 1.8 V
VDD = 2.5 V
VDD = 3.3 V
VDD = 4.5 V
VDD = 5 V
VDD = 5.5 V
TA = 25°C
Figure 13-1. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
0
0.05
0.1
0.15
0.2
0.25
0.3
-40
C
25
C
85
C
125
C
VDD = 3.3V
Figure 13-2. On-Resistance vs Source or Drain Voltage Across
Temperature
VS or VD - Source or Drain Voltage
-15
-12
-9
-6
-3
0
3
6
9
12
15
-1.2
-1.1
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
25
C
85
C
VDD = 3.3V
Figure 13-3. On Leakage Current vs Source or Drain Voltage
Source Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
25
C
85
C
VDD = 3.3V
Figure 13-4. ISOFF Leakage vs Source Voltage
Drain Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-48
-40
-32
-24
-16
-8
0
8
16
24
25
C
85
C
VDD = 3.3V
Figure 13-5. IDOFF Leakage vs Drain Voltage
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
30
35
40
45
50
55
60
65
70
75
80
85
90
-40
C
25
C
85
C
125
C
TA = 25°C
Figure 13-6. Supply Current vs Supply Voltage
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com