Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 17Page - Texas Instruments TMUX4821 Datasheet HTML 18Page - Texas Instruments TMUX4821 Datasheet HTML 19Page - Texas Instruments TMUX4821 Datasheet HTML 20Page - Texas Instruments TMUX4821 Datasheet HTML 21Page - Texas Instruments TMUX4821 Datasheet HTML 22Page - Texas Instruments TMUX4821 Datasheet HTML 23Page - Texas Instruments TMUX4821 Datasheet HTML 24Page - Texas Instruments TMUX4821 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
15 Detailed Description
15.1 Functional Block Diagram
The TMUX4821 is a 1:1, 2-channel and the TMUX4819 is a 2:1 1-channel multiplexer or demultiplexer. Each
input is turned on or turned off based on the state of the select lines and VDD pin.
SA
SB
D
SEL
V
DD
Decoder
S2
S1
D1
SEL1
V
DD
Decoder
D2
EN
SEL2
15.2 Device Functional Modes
Table 15-1 provides the truth table for the TMUX48xx.
Table 15-1. TMUX4821 Truth Table
VDD SELx
Channel x
0
X(1)
All channels are off (Hi-Z). Device is in power-off
protection.
1
0
Channel x OFF
1
1
Channel x ON
Table 15-2. TMUX4819 Truth Table
VDD SEL EN
Selected Input Connected To Drain (D) Pin
0
X(1)
X
All channels are off (Hi-Z). Device is in power-off
protection.
1
X
0
All channels are off (Hi-Z). Device is in power-off
protection.
1
0
1
SxA
1
1
1
SxB
(1)
X denotes do not care.
15.3 Feature Description
15.3.1 Beyond the Supply
The TMUX48xx supports signal voltages beyond the supply on the source (Sx) and drain (Dx) pins up to ±15V.
This feature allows both AC and DC bidirectional signals above VDD and below ground to pass through the
switch without distortion, using a unidirectional supply. The device remains within the performance mentioned in
the Electrical Characteristics.
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com