Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 14Page - Texas Instruments TMUX4821 Datasheet HTML 15Page - Texas Instruments TMUX4821 Datasheet HTML 16Page - Texas Instruments TMUX4821 Datasheet HTML 17Page - Texas Instruments TMUX4821 Datasheet HTML 18Page - Texas Instruments TMUX4821 Datasheet HTML 19Page - Texas Instruments TMUX4821 Datasheet HTML 20Page - Texas Instruments TMUX4821 Datasheet HTML 21Page - Texas Instruments TMUX4821 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
GND
SX
Dx
Audio Precision
VOUT
RL
VDD
VDD
0.1 µF
VS
40
Ω
Figure 14-9. THD + N Measurement Setup
14.10 Power Supply Rejection Ratio (PSRR)
PSRR measures the ability of a device to prevent noise and spurious signals that appear on the supply voltage
pin from coupling to the output of the switch. The DC voltage on the device supply is modulated by a sine wave
of 100mVPP. The ratio of the amplitude of signal on the output to the amplitude of the modulated signal is the AC
PSRR.
620 mVPP
RL
Network Analyzer
VOUT
VDD
DC Bias
Injector
VIN
CL
VBIAS
GND
Sx
Dx
VDD
0.1 µF
With and Without
Capacitor
Other SxA/
SxB/Dx pins
50
Ω
50
Ω
50
Ω
Figure 14-10. AC PSRR Measurement Setup
14.11 Charge Injection
Any mismatch in capacitance results in a charge injected into the drain or source during the falling or rising edge
of the gate signal. The amount of charge injected into the source or drain of the device is known as charge
injection, and is denoted by the symbol QC. Figure 14-11 shows the setup used to measure charge injection from
Drain (D) to Source (Sx).
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com