Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 7Page - Texas Instruments TMUX4821 Datasheet HTML 8Page - Texas Instruments TMUX4821 Datasheet HTML 9Page - Texas Instruments TMUX4821 Datasheet HTML 10Page - Texas Instruments TMUX4821 Datasheet HTML 11Page - Texas Instruments TMUX4821 Datasheet HTML 12Page - Texas Instruments TMUX4821 Datasheet HTML 13Page - Texas Instruments TMUX4821 Datasheet HTML 14Page - Texas Instruments TMUX4821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
13 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
Logic Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
35
40
45
50
55
60
65
70
75
80
VDD - 1.8V
VDD - 2.5V
VDD - 3.3V
VDD - 4.5V
VDD - 5 V
VDD - 5.5 V
TA = 25°C, VS = 15V
Figure 13-7. Supply Current vs Logic Voltage
Supply Voltage (V)
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
25
C
85
C
125
C
Figure 13-8. VIHLogic Threshold vs Supply Voltage
Supply Voltage (V)
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
0.4
0.44
0.48
0.52
0.56
0.6
0.64
0.68
0.72
0.76
0.8
0.84
0.88
0.92
0.96
1
1.04
1.08
1.12
1.16
1.2
25
C
85
C
125
C
Figure 13-9. VILLogic Threshold vs Supply Voltage
Temperature (
C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
100 110 120
0
50
100
150
200
250
300
Transition On VS = -15V
Transition On VS = -3.3V
Transition On VS = 3.3V
Transition On VS = 15V
VDD = 3.3V
Figure 13-10. Transition Time vs Temperature
TA = 25°C
Figure 13-11. Transition Time vs Supply Voltage
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
120
140
160
180
200
220
240
Te mp = -40
C
Te mp = 25
C
Te mp = 85
C
Te mp = 125
C
TS = 3.3V
Figure 13-12. tBBM vs Supply Voltage
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com