Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 20Page - Texas Instruments TMUX4821 Datasheet HTML 21Page - Texas Instruments TMUX4821 Datasheet HTML 22Page - Texas Instruments TMUX4821 Datasheet HTML 23Page - Texas Instruments TMUX4821 Datasheet HTML 24Page - Texas Instruments TMUX4821 Datasheet HTML 25Page - Texas Instruments TMUX4821 Datasheet HTML 26Page - Texas Instruments TMUX4821 Datasheet HTML 27Page - Texas Instruments TMUX4821 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
16.2.1.1 Design Requirements
Table 16-1. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
1.8V to 5.5V
MUX I/O signal range (VS, VD)
-15V to 15V
Control logic thresholds (VSEL)
1.8V to 5.5V
16.2.1.2 Detailed Design Procedure
The TMUX48xx can support bidirectional signals beyond the supply without any external components except for
the supply decoupling capacitors. Figure 15-1 shows how the signal range is above and below the device supply
range. Additionally with a very low on-resistance and an ultra flat response, the TMUX48xx has a very low
THD+N as well as a reduced impact to DC losses and thermal self-heating. These features make the TMUX48xx
designed for audio application.
16.2.1.3 Application Curves
The low on-resistance and ultra flat response enable the TMUX48xx to have an extremely low THD+N. This
results in little to no impact in audio fidelity, even in high performance systems. This allows the system design to
save a significant portion of board area without impacting signal integrity.
Frequency (Hz)
20
30 40 50 70 100
200 300
500 700 1000
2000 3000 5000
10000
20000
-130
-110
-90
-70
-50
-30
-10
10
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
Figure 16-2. THD+N with RL = 600Ω
Figure 16-3. THD+N with RL = 32Ω
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com