Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 8Page - Texas Instruments TMUX4821 Datasheet HTML 9Page - Texas Instruments TMUX4821 Datasheet HTML 10Page - Texas Instruments TMUX4821 Datasheet HTML 11Page - Texas Instruments TMUX4821 Datasheet HTML 12Page - Texas Instruments TMUX4821 Datasheet HTML 13Page - Texas Instruments TMUX4821 Datasheet HTML 14Page - Texas Instruments TMUX4821 Datasheet HTML 15Page - Texas Instruments TMUX4821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
13 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
Source Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDD = 1.8 V
VDD = 2.5 V
VDD = 3.3 V
VDD = 5.5 V
TA = 25°C
Figure 13-13. Charge Injection vs Source Voltage
Frequency (Hz)
20
30 40 50 70 100
200 300
500 700 1000
2000 3000 5000
10000
20000
-130
-110
-90
-70
-50
-30
-10
10
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
RLOAD = 600Ω, TA = 25°C
Figure 13-14. THD+N vs Frequency
RLOAD = 32Ω, TA = 25°C
Figure 13-15. THD+N vs Frequency
Frequency (Hz)
20
30 40 50 70 100
200 300
500 700 1000
2000 3000 5000
10000
20000
-130
-110
-90
-70
-50
-30
-10
10
0.5Vpp
15Vpp
VDD = 3.3V, RLOAD = 600Ω, TA = 25°C
Figure 13-16. THD+N vs Frequency
Frequency (Hz)
20
30 40 50 70 100
200 300
500 700 1000
2000 3000 5000
10000
20000
-130
-110
-90
-70
-50
-30
-10
10
15Vpp
0.5Vpp
VDD = 3.3V, RLOAD = 32Ω, TA = 25°C
Figure 13-17. THD+N vs Frequency
Source Voltage (V)
0.5
3.5
6.5
9.5
12.5
15
0
0.0002
0.0004
0.0006
0.0008
0.001
1kHz, 32
VDD = 3.3V, TA = 25°C
Figure 13-18. THD+N vs Peak-to-Peak Voltage
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com