Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 19Page - Texas Instruments TMUX4821 Datasheet HTML 20Page - Texas Instruments TMUX4821 Datasheet HTML 21Page - Texas Instruments TMUX4821 Datasheet HTML 22Page - Texas Instruments TMUX4821 Datasheet HTML 23Page - Texas Instruments TMUX4821 Datasheet HTML 24Page - Texas Instruments TMUX4821 Datasheet HTML 25Page - Texas Instruments TMUX4821 Datasheet HTML 26Page - Texas Instruments TMUX4821 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
16 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
16.1 Application Information
TMUX4821 and TMUX4819 are part of the beyond the supply switches and multiplexers family of devices.
This means that this device can switch signals from -15V to 15V with a low voltage supply from 1.8V to 5.5V.
Additionally, TMUX48xx features powered-off protection, which by design keeps the switches open even when
there is no supply. This unique feature combination enables the TMUX48xx to be extremely versatile for a wide
variety of applications such as boosted outputs and high common mode offsets.
16.2 Typical Applications
16.2.1 Audio Amplifier Switching
Often, there are multiple audio sources in a system giving the user options on which source will connect to the
speaker. To enable switching between these sources, a TMUX48xx can be used. The line-in can be biased to
a negative voltage, and class-D amplifier output can be higher than the typically used 3V and 5V supplies. So
any circuitry connected needs to handle this bipolar voltage. This same scheme can be used in systems where
there are multiple speaker outputs and one source as well. Here the switch is used to switch from an internal
speaker to an external one. Figure 16-1 shows the block diagram for these applications. Here a TLV320AIC3x is
used as an audio codec driving a TPA313x class D audio amplifier. Additionally, if IEC protection is needed on
the external connectors (audio jack input or external speaker), then a 2 channel TPD2E007 can be used.
The TMUX48xx can be used to switch up to ±15V with a supply voltage from 1.8V to 5.5V. The supply can also
be driven directly with a GPIO, allowing the user to put the device into ultra-low power mode. In this mode, the
TMUX48xx operates with powered-off protection, so any high voltage present on the inputs will not propagate to
the outputs. This feature allows for the correct power up cycling and increases system robustness. Additionally,
the TMUX48xx features excellent THD+N performance, so there is minimal impact to the audio signal quality
through the switch. This allows the system designer to save a significant portion of board area without impacting
signal integrity.
Class D Audio
Amplifier
TPA313x
SEL
VDD
Decoder
Audio Codec
TLV320AIC3253
L
R
GPIO
Class D Audio
Amplifier
TPA313x
Audio Codec
TLV320AIC3253
L
R
GPIO
SEL
VDD
Internal
External
TPD2E007
TPD2E007
Decoder
SEL
VDD
Decoder
Decoder
SEL
VDD
Figure 16-1. Audio Amplifier Switching
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com