Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 22Page - Texas Instruments TMUX4821 Datasheet HTML 23Page - Texas Instruments TMUX4821 Datasheet HTML 24Page - Texas Instruments TMUX4821 Datasheet HTML 25Page - Texas Instruments TMUX4821 Datasheet HTML 26Page - Texas Instruments TMUX4821 Datasheet HTML 27Page - Texas Instruments TMUX4821 Datasheet HTML 28Page - Texas Instruments TMUX4821 Datasheet HTML 29Page - Texas Instruments TMUX4821 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
16.2.2.1 Design Requirements
Table 16-2. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
1.8V to 5.5V
MUX I/O signal range (VS, VD)
-15V to 15V (Beyond the Supply)
Control logic thresholds (VSEL)
1.8V to 5.5V
16.2.2.2 Detailed Design Procedure
The TMUX48xx can support bidirectional signals beyond the supply without any external components except for
the supply decoupling capacitors. Section 15.3.1 shows how the signal range is above and below the device
supply range. Additionally with a very low on-resistance and an ultra flat response, the TMUX48xx has a very
low THD+N as well as a reduced impact to DC losses and thermal self-heating. These features make the
TMUX48xx ideal for high attenuation transducer application. For a more detailed analysis of the flow meter
system refer to Section 16.2.2.3 .
16.2.2.3 Application Curve
The linear response of the TMUX48xx reduces any impact to signal distortion and loss, making it an excellent
choice for high precision industrial systems. The TMUX48xx utilizes a specialized architecture to keep the
on-resistance extremely flat, while supporting signals beyond the supply from -15V to 15V. Additionally, the
TMUX48xx supports a wide frequency range to drive output capacitive transducers. This with the low on-
resistance results in an extremely low insertion loss as well.
VS or VD - Source or Drain Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
0.15
0.151
0.152
0.153
0.154
0.155
0.156
0.157
0.158
0.159
0.16
0.161
0.162
0.163
0.164
0.165
0.166
0.167
0.168
VDD = 1.8 V
VDD = 2.5 V
VDD = 3.3 V
VDD = 4.5 V
VDD = 5 V
VDD = 5.5 V
Figure 16-5. Insertion Loss Across Frequency
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com