Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX4821 Datasheet HTML 1Page - Texas Instruments TMUX4821 Datasheet HTML 2Page - Texas Instruments TMUX4821 Datasheet HTML 3Page - Texas Instruments TMUX4821 Datasheet HTML 4Page - Texas Instruments TMUX4821 Datasheet HTML 5Page - Texas Instruments TMUX4821 Datasheet HTML 6Page - Texas Instruments TMUX4821 Datasheet HTML 7Page - Texas Instruments TMUX4821 Datasheet HTML 8Page - Texas Instruments TMUX4821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off
Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
1 Features
• Supply range: 1.8V to 5.5V
• Beyond the supply signal range: -15V to 15V
• High current support: 1.1A (maximum)
• Ultra-low on-resistance: 0.16Ω
• Low on-resistance flatness: 0.1mΩ typ
• Low THD+N: 0.001% (-100dB)
• –40°C to +125°C operating temperature
• Power-Off Protection
• 1.8V logic compatible at 5V VDD
• 1.2V logic compatible at 1.8V VDD
• Integrated Pull-Down Resistor on Logic Pins
• Fail-safe logic
• Break-before-make switching
2 Applications
• Land mobile radios
• Defense radios
• Audio input or output switching
• Ultrasonic gas flow transmitters
• Analog input modules
• Industrial module detection
3 Description
The
TMUX48xx
is
a
complementary
metal-
oxide semiconductor (CMOS) multiplexer with 2
configurations available: 1:1, single-pole, single-throw
(SPST) 2-channel (TMUX4821) and 2:1, single-pole,
double-throw (SPDT) 1-channel (TMUX4819). This
device works with a single supply (1.8V to 5.5V),
but can pass bidirectional analog and digital signals
beyond the supply from -15V to 15V.
The TMUX48xx also features bidirectional powered
off protection up to ±15V, which isolates the switch
even when there is no supply voltage present (VDD
= 0V). Without this protection feature, any voltage on
the switch can back-power the supply rail through an
internal ESD diode and cause potential damage to the
rest of the system.
With 0.001% THD+N and 1mΩ RON-flatness, the
TMUX48xx is an excellent choice for passing
precision analog and audio signals without adding
distortion.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TMUX4819
DSG (SON, 8)
2mm × 2mm
TMUX4821
(1)
For more information, see Section 19.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SA
SB
D
SEL
V
DD
Decoder
S2
S1
D1
SEL1
V
DD
Decoder
D2
EN
SEL2
TMUX4819 and TMUX4821 Block Diagram
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX4821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX4821 TI2-TMUX4821 Datasheet
2Mb / 37P
TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
REVISED DECEMBER 2025
TMUX4821DSGR TI2-TMUX4821DSGR Datasheet
2Mb / 37P
TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
REVISED DECEMBER 2025
More results

Similar Description - TMUX4821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX136 TI1-TMUX136 Datasheet
1Mb / 23P
6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 31P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
MAY 2022
TMUX4051 TI-TMUX4051_V01 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051 TI-TMUX4051_V02 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4827 TI-TMUX4827 Datasheet
1Mb / 32P
TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
REVISED JUNE 2023
TMUX4051 TI1-TMUX4051_V03 Datasheet
2Mb / 42P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com