Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 4Page - Texas Instruments TMUX4821 Datasheet HTML 5Page - Texas Instruments TMUX4821 Datasheet HTML 6Page - Texas Instruments TMUX4821 Datasheet HTML 7Page - Texas Instruments TMUX4821 Datasheet HTML 8Page - Texas Instruments TMUX4821 Datasheet HTML 9Page - Texas Instruments TMUX4821 Datasheet HTML 10Page - Texas Instruments TMUX4821 Datasheet HTML 11Page - Texas Instruments TMUX4821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
12 Switching Characteristics
Over operating free-air temperature range (unless otherwise noted)
Typical at VDD = 3.3 V TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tTRAN
Transition time from control input
VDD = 2.5 V to 5.5 V
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
80
185
us
–40°C to +85°C
220
–40°C to +125°C
220
VDD = 1.8 V to 2.5 V
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
10
340
–40°C to +85°C
490
–40°C to +125°C
490
tBBM
Break-before-make time delay
VDD = 2.5 V to 5.5 V
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
40
300
us
–40°C to +85°C
40
300
–40°C to +125°C
40
300
VDD = 1.8 V to 2.5 V
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
40
420
–40°C to +85°C
40
490
–40°C to +125°C
40
490
tON
Turn-on time from control input
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
155
300
us
–40°C to +85°C
400
us
–40°C to +125°C
450
us
tOFF
Turn-off time from control input
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
14
us
–40°C to +85°C
14
us
–40°C to +125°C
14
us
tON (VDD)
Device turn on time
(VDD to output)
VDD rise time = 1 µs
RL = 50 Ω, CL = 35 pF
25°C
175
us
QINJ
Charge injection
VS = 0 V, CL = 100 pF
25°C
5
pC
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS = 0 V, f =
100 kHz
25°C
-50
dB
XTALK
Crosstalk - 4821
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS = 0 V, f =
100 kHz
25°C
-100
dB
Crosstalk - 4819
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS = 0 V, f =
100 kHz
25°C
-55
BW
–3dB Bandwidth (Small signal)
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS = 0 V,
25°C
100
MHz
IL
Insertion loss
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS = 0 V, f =
1 MHz
25°C
-0.01
dB
ACPSRR AC Power Supply Rejection Ratio
VPP = 0.62 V on VDD
RL = 32 Ω , CL = 5 pF,
f = 20 kHz
25°C
-100
dB
CS(OFF)
Source off capacitance
VS = 0 V, f = 1 MHz
25°C
70
pF
CS(ON),
CD(ON)
On capacitance
VS = 0 V, f = 1 MHz
25°C
40
pF
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com