Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 2Page - Texas Instruments TMUX4821 Datasheet HTML 3Page - Texas Instruments TMUX4821 Datasheet HTML 4Page - Texas Instruments TMUX4821 Datasheet HTML 5Page - Texas Instruments TMUX4821 Datasheet HTML 6Page - Texas Instruments TMUX4821 Datasheet HTML 7Page - Texas Instruments TMUX4821 Datasheet HTML 8Page - Texas Instruments TMUX4821 Datasheet HTML 9Page - Texas Instruments TMUX4821 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
11 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
Typical at VDD = 3.3 V TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VDD = 2.5 V to 5.5 V
VS = –15 V to +15 V
ID = –100 mA
25°C
0.16
0.20
Ω
–40°C to +85°C
0.225
Ω
–40°C to +125°C
0.3
Ω
RON
On-resistance
VDD = 1.8 V to 2.5 V
VS = –15 V to +15 V
ID = –100 mA
25°C
0.16
0.25
Ω
–40°C to +85°C
0.26
Ω
–40°C to +125°C
0.3
Ω
ΔRON
On-resistance mismatch between
channels
VDD = 2.5 V to 5.5 V
VS = –15 V to +15 V
ID = –100 mA
25°C
0.0008
0.03
Ω
–40°C to +85°C
0.03
Ω
–40°C to +125°C
0.05
Ω
ΔRON
On-resistance mismatch between
channels
VDD = 1.8 V to 2.5 V
VS = –15 V to +15 V
ID = –100 mA
25°C
0.008
0.035
Ω
–40°C to +85°C
0.04
Ω
–40°C to +125°C
0.06
Ω
RON FLAT On-resistance flatness
VDD = 2.5 V to 5.5 V
VS = –15 V to +15 V
ID = –100 mA
25°C
0.0001
0.01
Ω
–40°C to +85°C
0.05
Ω
–40°C to +125°C
0.07
Ω
RON FLAT On-resistance flatness
VDD = 1.8 V to 2.5 V
VS = –15 V to +15 V
ID = –100 mA
25°C
0.0004
0.015
Ω
–40°C to +85°C
0.07
Ω
–40°C to +125°C
0.09
Ω
RON DRIFT On-resistance drift
VS = 0 V, IS = –100 mA
–40°C to +125°C
0.0006
5
Ω/°C
IS(OFF)
Source off leakage current(1)
Switch state is off
VS = ±15 V / 0 V
VD = 0 V / ±15 V
25°C
0.001
uA
–40°C to +85°C
-0.1
0.1
uA
–40°C to +125°C
-1
1
uA
IS(ON)
ID(ON)
Channel on leakage current(2)
Switch state is on
VS = VD = ±15 V
25°C
0.001
uA
–40°C to +85°C
-0.1
0.1
uA
–40°C to +125°C
-1
1
uA
IS(POFF)
Source powered-off leakage
current(1)
VDD = 0 V
VS = ±15 V / 0 V
VD = 0 V / ± 15 V
25°C
0.02
uA
–40°C to +85°C
-0.1
0.1
uA
–40°C to +125°C
-2
2
uA
ID(POFF)
Drain powered-off leakage
current(1)
VDD = 0 V
VS = ±15 V / 0 V
VD = 0 V / ± 15 V
25°C
0.02
uA
–40°C to +85°C
-0.1
0.1
uA
–40°C to +125°C
-2
2
uA
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com