Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 9Page - Texas Instruments TMUX4821 Datasheet HTML 10Page - Texas Instruments TMUX4821 Datasheet HTML 11Page - Texas Instruments TMUX4821 Datasheet HTML 12Page - Texas Instruments TMUX4821 Datasheet HTML 13Page - Texas Instruments TMUX4821 Datasheet HTML 14Page - Texas Instruments TMUX4821 Datasheet HTML 15Page - Texas Instruments TMUX4821 Datasheet HTML 16Page - Texas Instruments TMUX4821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
Frequency (Hz)
-6
-5
-4
-3
-2
-1
0
10M
100k
1M
100M
VDD = 3.3V, TA = 25°C
Figure 13-19. Insertion Loss vs Frequency
Frequency (Hz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1k
10k
100k
1M
10M
VDD = 3.3V, TA = 25°C
Figure 13-20. ACPSRR vs Frequency
Amplitude (Vpp)
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
100k
1M
10M
10k
1k
No Operation Region
>-100dB Operation Region
Recommended Operation Region
VDD = 5V
Figure 13-21. Maximum Sinusoidal Signal Swing
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com