Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 13Page - Texas Instruments TMUX4821 Datasheet HTML 14Page - Texas Instruments TMUX4821 Datasheet HTML 15Page - Texas Instruments TMUX4821 Datasheet HTML 16Page - Texas Instruments TMUX4821 Datasheet HTML 17Page - Texas Instruments TMUX4821 Datasheet HTML 18Page - Texas Instruments TMUX4821 Datasheet HTML 19Page - Texas Instruments TMUX4821 Datasheet HTML 20Page - Texas Instruments TMUX4821 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
VIH
VIL
tTRANSITION
10%
90%
OUTPUT
0 V
ADDRESS
DRIVE
(VSEL)
VDD
tTRANSITION
VS
OUTPUT
RL
CL
SELx
D
GND
VSEL
0 V
tr < 5 ns
tf < 5 ns
VDD
VDD
0.1 F
SA
SB
Figure 14-7. Transition-Time Measurement Setup
14.8 Break-Before-Make
Break-before-make delay is a safety feature that prevents two inputs from connecting when the device is
switching. The output first breaks from the on-state switch before making the connection with the next on-state
switch. The time delay between the break and the make is known as break-before-make delay. Figure 14-8
shows the setup used to measure break-before-make delay, denoted by the symbol tOPEN(BBM).
VDD
0 V
tBBM 1
90%
Output
0 V
tOPEN (BBM) = min ( tBBM 1, tBBM 2)
tBBM 2
ADDRESS
DRIVE
(VSEL)
tr < 5 ns
tf < 5 ns
VS
OUTPUT
RL
CL
SELx
D
GND
VSEL
VDD
VDD
0.1 F
SA
SB
Figure 14-8. Break-Before-Make Delay Measurement Setup
14.9 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as
the ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at the
mux output. The on-resistance of the device varies with the amplitude of the input signal and results in distortion
when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is denoted as
THD + N.
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com