Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX4821 Datasheet HTML 1Page - Texas Instruments TMUX4821 Datasheet HTML 2Page - Texas Instruments TMUX4821 Datasheet HTML 3Page - Texas Instruments TMUX4821 Datasheet HTML 4Page - Texas Instruments TMUX4821 Datasheet HTML 5Page - Texas Instruments TMUX4821 Datasheet HTML 6Page - Texas Instruments TMUX4821 Datasheet HTML 7Page - Texas Instruments TMUX4821 Datasheet HTML 8Page - Texas Instruments TMUX4821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Absolute Maximum Ratings........................................... 3
6 ESD Ratings..................................................................... 4
7 Thermal Information........................................................5
8 Recommended Operating Conditions........................... 5
9 Source or Drain Continuous Current.............................5
10 Source or Drain RMS Current.......................................5
11 Electrical Characteristics .............................................6
12 Switching Characteristics ............................................8
13 Typical Characteristics............................................... 10
14 Parameter Measurement Information........................ 14
14.1 On-Resistance........................................................ 14
14.2 On-Leakage Current............................................... 15
14.3 Off-Leakage Current............................................... 15
14.4 Power-Off Leakage Current.................................... 15
14.5 Propagation Delay.................................................. 16
14.6 tON (VDD) and tOFF (VDD) Time................................... 16
14.7 Transition Time....................................................... 16
14.8 Break-Before-Make.................................................17
14.9 THD + Noise........................................................... 17
14.10 Power Supply Rejection Ratio (PSRR)................. 18
14.11 Charge Injection.................................................... 18
14.12 Bandwidth............................................................. 19
14.13 Off Isolation...........................................................19
14.14 Crosstalk............................................................... 20
15 Detailed Description....................................................21
15.1 Functional Block Diagram....................................... 21
15.2 Device Functional Modes........................................21
15.3 Feature Description.................................................21
16 Application and Implementation................................ 23
16.1 Application Information........................................... 23
16.2 Typical Applications ............................................... 23
16.3 Power Supply Recommendations...........................27
16.4 Layout..................................................................... 27
17 Device and Documentation Support..........................29
17.1 Documentation Support.......................................... 29
17.2 Receiving Notification of Documentation Updates..29
17.3 Support Resources................................................. 29
17.4 Trademarks.............................................................29
17.5 Electrostatic Discharge Caution..............................29
17.6 Glossary..................................................................29
18 Revision History.......................................................... 29
19 Mechanical, Packaging, and Orderable
Information.................................................................... 29
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com