Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX4821 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 5 Page - Texas Instruments

  TMUX4821 Datasheet HTML 1Page - Texas Instruments TMUX4821 Datasheet HTML 2Page - Texas Instruments TMUX4821 Datasheet HTML 3Page - Texas Instruments TMUX4821 Datasheet HTML 4Page - Texas Instruments TMUX4821 Datasheet HTML 5Page - Texas Instruments TMUX4821 Datasheet HTML 6Page - Texas Instruments TMUX4821 Datasheet HTML 7Page - Texas Instruments TMUX4821 Datasheet HTML 8Page - Texas Instruments TMUX4821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
7 Thermal Information
THERMAL METRIC(1)
TMUX48xx
UNIT
DSG
8 PINS
RθJA
Junction-to-ambient thermal resistance
69.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
84.0
°C/W
RθJB
Junction-to-board thermal resistance
35.7
°C/W
ΨJT
Junction-to-top characterization parameter
4.0
°C/W
ΨJB
Junction-to-board characterization parameter
35.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
14.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
8 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Positive power supply voltage
1.8
5.5
V
VS or VD
Signal path input/output voltage (source or drain pin) (Sx, D)
-15
15
V
VSEL
Address/Select pin voltage
0
5.5
V
IS or ID (CONT) Source or drain continuous current (Sx, D)
IDC (1)
A
TA
Ambient temperature
-40
125
°C
(1)
Refer to Source or Drain Continuous Current table for IDC specifications.
9 Source or Drain Continuous Current
VDD = 3.3V, GND = 0V (unless otherwise noted)
CONTINUOUS CURRENT PER CHANNEL (IDC)
PACKAGE
25°C
85°C
125°C
UNIT
DSG
1.1
0.87
0.27
A
10 Source or Drain RMS Current
VDD = 3.3V, GND = 0V (unless otherwise noted)
RMS CURRENT PER CHANNEL (IRMS)
PACKAGE
25°C
85°C
125°C
UNIT
DSG
1.1
1.1
0.54
A
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com