Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 25 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 25 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 151 page
background image
GD32H757xx Datasheet
24
2.5.
Clock tree
Figure 2-5. GD32H757xx clock tree
32.768 KHz
LXTAL OSC
11
10
01
32 KHz
IRC32K
CK_RTC
CK_FWDGT
(to RTC)
(to FWDGT)
/2 to /63
RTCSRC[1:0]
CK_OUT1
CK_PLL0P
CK_HXTAL
CK_SYS
CK_PLL1R
011
000
001
010
CKOUT1SEL[2:0]
CKOUT1DIV
÷1,2,3...15
CK_HXTAL
RTCDIV[5:0]
CK_DAC
(to DAC)
100
101
CK_IRC32K
CK_LPIRC4M
CK_OUT0
CK_PLL0P
CK_HXTAL
CK_IRC64MDI V
CK_LXTAL
011
000
001
010
CKOUT0SEL[2:0]
CKOUT0DIV
÷1,2,3...15
CK_IRC48M
4-50 MHz
HXTAL
64 MHz
IRC64M
Clock
Monit or
CK_IRC64MDI V
CK_HXTAL
CK_PLL0P
SCS[1:0]
00
01
10
IRC64MDI V
÷1,2,4,8
11
CK_LPIRC4M
4 MHz
LPIRC4M
00
01
PLLSEL[1:0]
10
CK_SYS
600 MHz max
xN
VCO
/P
/Q
/R
PLL0
xN
VCO
/P
/Q
/R
PLL1
xN
VCO
/P
/Q
/R
PLL2
0
1
PLL48MSEL
PLL2RDIV
÷2,4,8,16
0
1
0
1
/2 or
/20
ENETx_PHY_SEL
ENETx_TX_CLK
ENETx_RX_CLK
CK_ENETxTX
to ENETx TX
Peripheral enable
CK_ENETxRX
to ENETx RX
Peripheral enable
CK_USBHS
to USBHSx
Peripheral enable
USB HS PHY clock 24Mhz t o 60Mhz
0
1
EMBPHY_HS
0
1
USBHSx 60M
(6)
CK_PLLUSBHSx
CK_IRC48M
USBHSx48MSEL[1:0]
Prescaler
÷2,4...16
USBHSxDV
x16,17...
127
Prescaler
÷1,2...15
PLLUSBHSxMF
PLLUSBHSxPREDV
0
1
PLLUSBHSxPRESEL
CK_IRC48M
CK_HXTAL
AHB/AXI
Prescaler
÷1,2...512
÷8
CK_CST
(to Cortex-M7 SysTick)
FCLK
ACLK
to AXI peripherals
HCLK
to AHB bus, Cortex-M7,
SRAM, DMA, peripherals
AXI enable
AHB enable
APB3
Prescaler
÷1,2,4,8,16
to APB3 peripherals
PCLK3
to OSPI
CK_OSPI
Peripheral enable
to TRNG
48 MHz
IRC48M
1
0
CTC
CK48MSEL
CK_CTC
Peripheral enable
CK_48M
APB2
Prescaler
÷1,2,4,8,16
CK_APB2
300 MHz max
Peripheral enable
PCLK2
to APB2 peripherals
150 MHz max
APB4
Prescaler
÷1,2,4,8,16
to APB4 peripherals
PCLK4
to LPDTS
CK_LPDTS
to TLI
CK_TLI
Peripheral enable
USBHSxSEL
CK_HXTAL
CK_IRC64MDI V
CANxSEL[1:0]
00
01
10
11
CK_APB2 / 2
to CANx
Peripheral enable
CK_CAN
CK_APBx(x=1,2)
CK_AHB
CK_IRC64MDI V
USARTxSEL[1:0]
00
01
10
11
CK_LXTAL
to USARTx
Peripheral enable
CK_USART
CK_PLL0Q
CK_PLL1P
I2S_CKIN
SAI2B0SEL[2:0]
or
SAI2B1SEL[2:0]
000
001
CK_PLL2P
Peripheral enable
CK_SAI2B0
or
CK_SAI2B1
010
011
100
101
to SAI2_B0 or SAI2_B1
CK_PER
CK_PLL0Q
CK_PLL1P
I2S_CKIN
SAI0SEL[2:0]
or
SAI1SEL[2:0]
000
001
CK_PLL2P
Peripheral enable
CK_SAI0
or
CK_SAI1
010
011
100
to SAI0 or SAI1
CK_PER
CK_APB4
150 MHz max
300 MHz max
300 MHz max
Peripheral enable
Peripheral enable
CK_IRC64MDI V
CK_LPIRC4M
PERSEL[1:0]
00
01
10
CK_PER
(2)
CK_HXTAL
(free running clock)
CK_USBHS_ULPI
to USBHS ULPI
Peripheral enable
CK_APB1
CK_PLL2R
CK_LPIRC4M
I2CxSEL[1:0]
00
01
10
11
CK_IRC64MDI V
to I2Cx
Peripheral enable
CK_I2C
CK_RSPDIF_SYMB
(4)
CK_APB2
Peripheral enable
CK_HPDFAUDIO
to HPDFAUDIO
CK_PLL0Q
CK_PLL1R
CK_IRC64MDI V
RSPDIFSEL[1:0]
00
01
10
11
CK_PLL2R
to RSPDIF
Peripheral enable
CK_RSPDIF
CK_PLL1P
to EFUSE
Peripheral enable
CK_EFUSE
CK_IRC64MDI V
I2S_CKIN
100
CK_PER
101
USBHS0 60M
110
111
USBHS1 60M
/PLL0PSC
/PLL1PSC
/PLL2PSC
APB1
Prescaler
÷1,2,4,8,16
CK_APB1
150 MHz max
PCLK1
to APB1 peripherals
0
1
REFSEL
(1)
CK_LXTAL
CK_APB3
00
01
10
11
CK_PLL0R
Prescaler
÷1,2...8
CK_PLL1Q
CK_PLL1Q
CK_PLL0Q
TIMER0,7,14,15,1
6,40,41,42,43,44
(CK_APB2×1
×2 or ×4)
TIMERx enable
CK_TIMERx
to
TIMER0,7,14,15,1
6,40,41,42,43,44
300 MHz max
CK_PLL0R
CK_IRC48M
USBHSxPSC
CK_PLL0R
SCS[1:0]
11
CK_LPIRC4M
CK_TPIU
(3)
00
01
10
CK_IRC64MDI V
CK_HXTAL
Peripheral enable
TIMER1,2,3,4,5,6,2
2,23,30,31,50,51
(CK_APB1×1
×2 or ×4)
TIMERx enable
CK_TIMERx
to
TIMER1,2,3,4,5,6,
22,23,30,31,50,51
300 MHz max
CK_ADCx
ADCxSEL[1:0]
00
01
10
1010
0000
1000
1001
1011
HCLK/2
HCLK/4
HCLK/6
HCLK/8
CK_PLL1P
CK_PLL2R
CK_PER
ADCSCK
(5)[3:0]
CK_AHB/AXI
300 MHz max
1100
1101
HCLK/10
HCLK/12
HCLK/14
HCLK/16
1110
1111
0
1
HPDFSEL
CK_HPDF
CK_AHB
CK_APB2
to HPDF
Peripheral enable
CK_AHB
CK_PLL0Q
CK_PER
EXMCSEL[1:0]
00
01
10
11
CK_PLL1R
to EXMC
Peripheral enable
CK_EXMC
110
CK_PLL2R
to SDIO x
CK_SDIO
Peripheral enable
0
1
SDIOxSEL
CK_PLL1R
CK_PLL0Q
CK_PLL1R
CK_SAI0
CK_PLL0Q
CK_PLL1P
I2S_CKIN
SPIxSEL[2:0](x=0,1,2)
000
001
CK_PLL2P
Peripheral enable
CK_SPIx
010
011
100
to SPIx
CK_PER
CK_APB2
CK_PLL1Q
CK_IRC64MDI V
SPIxSEL[2:0](x=3,4)
000
001
CK_PLL2Q
Peripheral enable
CK_SPIx
010
011
100
101
to SPIx
CK_HXTAL
CK_LPIRC4M
CK_APB2
CK_PLL1Q
CK_IRC64MDI V
SPI5SEL[2:0]
000
001
CK_PLL2Q
Peripheral enable
CK_SPI5
010
011
100
101
to SPI5
CK_HXTAL
CK_LPIRC4M
110
I2S_CKIN
to ADCx
Peripheral enable
CK_PLL2P
CK_PLL2R
CK_PLL0P
480 MHz max
CK_PLL2Q
Legend:
HXTAL: High speed crystal oscillator
LXTAL: Low speed crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com