Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 94 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 94 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 93Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 96Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 97Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 98Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 151 page
background image
GD32H757xx Datasheet
93
Table 4-11. Component level ESD characteristics(1)
Symbol
Description
Conditions Package
Max
Unit
Level
VHBM
Human body model
electrostatic discharge voltage
(Any pin combination)
TJ = 25 °C;
JS-001-2017
BGA176
2000
V
2
VCDM
Charge device model
electrostatic discharge voltage
(All pins)
TJ = 25 °C;
JS-002-2018
BGA176
500
V
C2a
(1)
Value guaranteed by characterization, not 100% tested in production.
Table 4-12. Latch-up characteristics(1)
Symbol
Description
Conditions Package
Class
LU
I-test
TA = 125 °C,
JESD78F
BGA176
II
Level A
Vsupply over voltage
(1)
Value guaranteed by characterization, not 100% tested in production.
4.5.
Power supply supervisor characteristics
Table 4-13. Power supply supervisor characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLVD(1)
Low voltage
Detector level selection
LVDT<2:0> = 000(rising edge)
—
1.95
—
V
LVDT<2:0> = 000(falling edge)
—
1.85
—
LVDT<2:0> = 001(rising edge)
—
2.10
—
LVDT<2:0> = 001(falling edge)
—
2.00
—
LVDT<2:0> = 010(rising edge)
—
2.25
—
LVDT<2:0> = 010(falling edge)
—
2.15
—
LVDT<2:0> = 011(rising edge)
—
2.40
—
LVDT<2:0> = 011(falling edge)
—
2.30
—
LVDT<2:0> = 100(rising edge)
—
2.56
—
LVDT<2:0> = 100(falling edge)
—
2.46
—
LVDT<2:0> = 101(rising edge)
—
2.70
—
LVDT<2:0> = 101(falling edge)
—
2.60
—
LVDT<2:0> = 110(rising edge)
—
2.86
—
LVDT<2:0> = 110(falling edge)
—
2.75
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com