Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 81 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 81 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 151 page
background image
GD32H757xx Datasheet
80
Outputs to timers for capture.
Outputs to EXTI and NVIC.
The general purpose comparators, CMP0 and CMP1, can work either standalone (all terminal
are available on I/Os) or together with the timers. It could be used to wake up the MCU from
low-power mode by an analog signal, provide a trigger source when an analog signal is in a
certain condition, achieves some current control by working together with a PWM output of a
timer and the DAC. It blanking function can be used for false overcurrent detection in motor
control applications.
3.42.
High-Performance Digital Filter (HPDF)
8 multiplex digital serial input channels.
-
configurable SPI and Manchester interfaces.
8 internal digital parallel input channels.
-
input with up to 16-bit resolution.
-
internal source: ADC data or memory (CPU/DMA write) data stream.
Configurable Sinc filter and integrator.
-
the order and oversampling rate (decimation rate) of Sinc filter can be configured.
-
sampling rate of configurable integrator.
Threshold monitor function.
-
independent Sinc filter, configurable order and oversampling rate (decimation rate).
-
configurable data input source: serial channel input data or HPDF output data.
Malfunction monitor function.
-
A counter with 8 bits is used to monitor the continuous 0 or 1 in the serial channel
input data stream.
Extreme monitor function.
-
store minimum and maximum values of output data values of HPDF.
Up to 24-bit output data resolution.
Clock signal can be provided to external sigma delta modulator.
-
provide configurable clock signal by the CKOUT pin.
HPDF output data is in signed format.
A high performance digital filter module (HPDF) for external sigma delta (Σ-Δ) modulator is
integrated in GD32H757xx. HPDF supports SPI interface and Manchester-coded single-wire
interface. The external sigma delta modulator can be connected with MCU by the serial
interface, and the serial data stream output by sigma delta modulator can be filtered. In
addition, HPDF also supports the parallel data stream input,
which can be selected from
internal ADC peripherals or from MCU memory.
3.43.
Real-time decryption (RTDEC)
Software configurable encrypted areas up to 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com