Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 76 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 76 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 151 page
background image
GD32H757xx Datasheet
75
then output the clock. When used, the application needs to first program the phase of the
output clock, and then use the output clock in other peripherals to receive data.
Phase delay is related to voltage and temperature and may require reconfiguration of the
application and redetermination of the phase relationship between the output clock and the
received data as parameters change.
3.28.
Digital camera interface (DCI)
Digital video/picture capture.
8/10/12/14 data width supported.
High transfer efficiency with DMA interface.
Video/picture crop supported.
Various pixel digital encoding formats supported including YCbCr422 / RGB565 / YUV420
/ Bayer.
Hard/embedded synchronous signals supported.
Support for CCIR656 video interface as well as traditional sensor interface.
DCI is an 8-bit to 14-bit parallel interface that able to capture video or picture from a camera
via Digital Camera Interface. It supports 8/10/12/14 bits data width through DMA operation.
DCI supports various color space such as YUV/RGB, as well as compression format such as
JPEG. Support CCIR656 video decoder formats and perform additional processing of the
image.
3.29.
TFT LCD interface (TLI)
Supports up to 24 bits data output per pixel.
Supports up to 2048 x 2048 resolution.
Support various pixel formats: ARGB8888, RGB888, RGB565, etc.
Support CLUT (Color Look-Up-Table) and Color-Keying format.
The TFT LCD interface provides a parallel digital RGB (Red, Green and Blue) and signals for
horizontal, vertical synchronization, pixel clock and data enable as output to interface directly
to a variety of LCD (Liquid Crystal Display) and TFT (Thin Film Transistor) panels. A built-in
DMA engine continuously move data from system memory to TLI and then, output to an
external LCD display. Two separate layers are supported in TLI, as well as layer window and
blending function.
3.30.
Receiver of Sony/Philips Digtial Interface (RSPDIF)
Supports audio IEC-60958 and IEC-61937.
Up to 4 inputs available.
Supports maximum symbol rate: 12.288 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com