Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 151 page
background image
GD32H757xx Datasheet
66
The trigger selection controller (TRIGSEL) allows software to select the trigger input signal
for various peripherals. TRIGSEL provides a flexible mechanism for a peripheral to select
different trigger inputs.
It’s up to 4 trigger selection outputs could be selected for each
peripheral. And every output could select from different trigger input signal.
3.8.
General-purpose and alternate-function I/Os (GPIO and AFIO)
Up to 135 fast GPIOs, all mappable on 16 external interrupt lines, each pin weak pull-
up/pull-down function.
Output push-pull/open drain enable control.
Analog input/output configuration.
Alternate function input/output configuration.
GD32H757xx is up to 112 general purpose I/O pins (GPIO), named PA0~PA10, PA13~PA15,
PB0~PB15, PC0~PC15, PD0~PD15, PE0~PE15, PF0~PF15, PG0~PG15, PH0~PH1 for the
device to implement logic input/output functions. Each GPIO port has related control and
configuration registers to satisfy the requirements of specific applications. The external
interrupts on the GPIO pins of the device have related control and configuration registers in
the Interrupt/Event Controller Unit (EXTI). The GPIO ports are pin-shared with other
alternative functions (AFs) to obtain maximum flexibility on the package pins.
Each of the GPIO pins can be configured by software as output (push-pull or open-drain),
input, peripheral alternate function or analog mode. Most of the GPIO pins are shared with
digital or analog alternate functions. All GPIOs are high-current capable except for analog
mode.
3.9.
CRC calculation unit (CRC)
Supports 7/8/16/32 bit data input.
For 7(8)/16/32 bit input data length, the calculation cycles are 1/2/4 AHB clock cycles.
User configurable polynomial value and size.
Free 8-bit register is unrelated to calculation and can be used for any other goals by any
other peripheral devices.
A cyclic redundancy check (CRC) is an error-detecting code commonly used in digital
networks and storage devices to detect accidental changes to raw data. The CRC calculation
unit can be used to calculate 7/8/16/32 bit CRC code within user configurable polynomial
.
3.10.
True random number generator (TRNG)
LFSR mode and NIST mode to generate random number (National Institute of Standards
and Technology) mode to generate random number.
About 40 periods of TRNG_CLK are needed between two consecutive random numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com