Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 72 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 72 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 151 page
background image
GD32H757xx Datasheet
71
Sub-second adjustment by shift function.
The RTC provides a time which includes hour/minute/second/sub-second and a calendar
includes year/month/day/week day. The time and calendar are expressed in BCD code except
sub-second. Sub-second is expressed in binary code. Hour adjust for daylight saving time.
The RTC is an independent timer which provides a set of continuously running counters in
backup registers to provide a real calendar function, and provides an alarm interrupt or an
expected interrupt. It is not reset by a system or power reset, or when the device wakes up
from standby mode. A prescaler is used for the time base clock and is by default configured
to generate a time base of 1 second from a clock at 32.768 KHz from external crystal oscillator.
3.20.
Timers and PWM generation
Two 16-bit Advanced timer (TIMER0 & TIMER7), four16-bit General-L0 timers (TIMER2,
TIMER3, TIMER30, TIMER31), four 32-bit General-L0 timers (TIMER1, TIMER4,
TIMER22, TIMER23), six 16-bit General-L3 timers (TIMER14, TIMER40, TIMER41,
TIMER42, TIMER43, TIMER44), two16-bit General-L4 timers (TIMER15, TIMER16), two
32-bit Basic timer (TIMER5 & TIMER6) and two 64-bit Basic timer (TIMER50 & TIMER51).
Up to 70 independent channels of PWM, output compare or input capture for each general
timer and external trigger input.
16-bit, motor control PWM advanced timer with programmable dead-time generation for
output match.
Encoder interface controller with two inputs using quadrature decoder and non-
quadrature decoder mode.
24-bit SysTick timer down counter.
2 watchdog timers (free watchdog timer and window watchdog timer).
The advanced timer (
TIMER0 & TIMER7) can be used as a three-phase PWM multiplexed
on 6 channels. It has complementary PWM outputs with programmable dead-time generation.
It can also be used as a complete general timer. The 8 independent channels can be used
for input capture, output compare, PWM generation (edge-aligned or center-aligned counting
modes) and single pulse mode output.
If configured as a general 16-bit timer, it has the same
functions as the TIMERx timer. It can be synchronized with external signals or to interconnect
with other general timers together which have the same architecture and features.
The general level 0 timer, can be used for a variety of purposes including general timer, input
signal pulse width measurement or output waveform generation such as a single pulse
generation or PWM output, up to 4 independent channels for input capture/output compare.
TIMER1/4/22/23 is based on a 32-bit auto-reload up/downcounter and a 16-bit prescaler.
TIMER2/3/30/31 is based on a 16-bit auto-reload up/downcounter and a 16-bit prescaler. The
general level 0 timer also supports an encoder interface with two inputs using quadrature
decoder mode and non-quadrature decoder mode.
The general level3 timer module (TIMER14/40/41/42/43/44) is a three-channel timer that
supports both input capture and output compare. They can generate PWM signals to control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com