Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 151 page
background image
GD32H757xx Datasheet
62
3.
Functional description
3.1.
Arm® Cortex®-M7 core
The Arm® Cortex®-M7 processor is a highly efficient high-performance, embedded processor
that features low interrupt latency, low-cost debug, and has backwards compatibility with
existing Cortex-M profile processors. The processor has an in-order super-scalar pipeline that
means many instructions can be dual-issued, including load/load and load/store instruction
pairs because of multiple memory interfaces. The Cortex-M7 is a high-performance processor,
which features a 6-stage superscalar pipeline with branch prediction and an optional FPU
capable of single-precision and optionally double-precision operations. The instruction and
data buses have been enlarged to 64-bit wide over the previous 32-bit buses.
The interfaces that the processor supports include:
64-bit AXI4 interface.
32-bit AHB master interface.
32-bit AHB slave interface.
64-bit instruction TCM interface.
2x32-bit data TCM interfaces.
The processor contains the following external interfaces:
AHBP interface.
AHBS interface.
AHBD interface.
External Private Peripheral Bus.
ATB interfaces.
TCM interface.
Cross Trigger interface.
MBIST interface.
AXIM interface.
32-bit Arm® Cortex®-M7 processor core
Up to 600 MHz operation frequency.
Single-cycle multiplication and hardware divider.
Integrated DSP instructions.
24-bit SysTick timer.
The Cortex®-M7 processor is based on the ARMv7-M architecture and supports a powerful
and scalable instruction set including general data processing I/O control tasks, advanced
data processing bit field manipulations, DSP and floating point instructions. Some system
peripherals listed below are also provided by Cortex®-M7:
Nested Vectored Interrupt Controller (NVIC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com