Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 151 page
background image
GD32H757xx Datasheet
25
IRC32K: Internal 32K RC oscillator
IRC48M: Internal 48M RC oscillators
IRC64M: Internal 64M RC oscillators
2.6.
Pin definitions
2.6.1.
GD32H757Zx LQFP144 pin definitions
Table 2-3. GD32H757Zx LQFP144 pin definitions
LQFP144
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
PE2
1
I/O
Default: PE2
Alternate: TRACECK, SAI0_CLK0, SPI3_SCK,
SAI0_MCLK0, SAI2_MCLK0, OSPIM_P0_IO2, SAI2_CLK0,
EXMC_A23, EVENTOUT
PE3
2
I/O
Default: PE3
Alternate:
TRACED0, TIMER14_BRKIN0, SAI0_SD1,
SAI2_SD1, EXMC_A19, DCI_PIXCLK, EVENTOUT
PE4
3
I/O
Default: PE4
Alternate: TRACED1 , TIMER0_BRKIN1, SAI0_DAT1,
HPDF_DATAIN3, TIMER14_MCH0, SPI3_NSS, SAI0_FS0,
SAI2_FS0, SAI2_DAT1, EXMC_A20, DCI_D4, TLI_B0,
EVENTOUT
PE5
4
I/O
Default: PE5
Alternate: TRACED2 , SAI0_CLK1, HPDF_CKIN3,
TIMER14_CH0 , SPI3_MISO, SAI0_SCK0, SAI2_SCK0,
SAI2_CLK1, EXMC_A21, DCI_D6, TLI_G0, EVENTOUT
PE6
5
I/O
Default: PE6
Alternate: TRACED3 , TIMER0_BRKIN2, SAI0_DAT0,
TIMER14_CH1 , SPI3_MOSI, SAI0_SD0 , SAI2_SD0,
SAI2_DAT0, SAI1_MCLK1, CMP_MUX_OUT3 , EXMC_A22,
DCI_D7, TLI_G1, EVENTOUT
VBAT
6
P
-
Default: VBAT
PC13
7
I/O
Default: PC13
Alternate: EVENTOUT
Additional: RTC_TAMP0, RTC_TS, WKUP3, RTC_OUT
PC14-
OSC32IN
8
I/O
Default: PC14
Alternate: EVENTOUT
Additional: OSC32IN
PC15-
OSC32OU
T
9
I/O
Default: PC15
Alternate: EVENTOUT
Additional: OSC32OUT
PF0
10
I/O
Default: PF0
Alternate: I2C1_SDA, USBHS0_ULPI_D4, OSPIM_P1_IO0,
EXMC_A0, TIMER22_CH0, EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com