Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 151 page
background image
GD32H757xx Datasheet
77
The IPA provides a configurable and flexible image format conversion from one or two source
image to the destination image. Sixteen pixel formats for foreground from 4-bit up to 32-bit
per pixel, eleven pixel formats for background from 4-bit up to 32-bit per pixel, and five pixel
formats from 16-bit up to 32-bit per pixel for the destination image are supported. Two 256*32
bits LUTs (Look-Up Table) separately for the two source images are implemented for the
indirect pixel formats.
3.33.
Secure digital input and output card interface (SDIO)
e•MMC: Support for embedded Multimedia Card System Specification Version 4.51 (and
previous versions) Card and five different data bus modes: 1-bit (default), 4-bit (SDR/DDR)
and 8-bit(SDR/DDR).
SD Card: Full support for SD Memory Card Specifications Version 3.0.
SD I/O: Full support for SD I/O Card Specification Version 3.0 card and three different
data bus modes: 1-bit (default) and 4-bit (SDR/DDR).
104MHz data transfer frequency and 8-bit data transfer mode.
Support DDR and max clock frequency is 50Mhz.
The secure digital input/output interface (SDIO) defines the SD, SD I/O and embedded
MultiMediaCard (e•MMC) host interface, which provides command/data transfer between the
AHB system bus and SD memory cards, SD I/O cards and e•MMC.
3.34.
Management data input/output (MDIO)
Support slave mode with a frequency up to 4MHz.
Support CFP/CFP2 MSA Management Interface Specification.
The MDIO interface can receive complete MDIO frames. As long as the data is written to the
register before receiving the turnaround bits (TA) of the read or post read increment address
frame, the MDIO interface can transmit complete MDIO frames. Interrupts are generated at
the end of every complete frame, which can be used or provided at correct time. Interrupts
can also be generated after every valid PHYADR and DEVADD, which allows more complex
controls within frames.
3.35.
External memory controller (EXMC)
Supported external memory: SRAM, PSRAM, ROM, NOR-Flash, 8/16-bit NAND Flash
and Synchronous DRAM (SDRAM).
Embedded ECC hardware for NAND Flash access.
Two SDRAM banks with independent configuration, up to 13-bits Row Address, 11-bits
Column Address, 2-bits internal banks address.
SDRAM Memory size: 4x16Mx32bit (256 MB), 4x16Mx16bit (128 MB), 4x16Mx8bit (64
MB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com