Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 37 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 37 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 151 page
background image
GD32H757xx Datasheet
36
LQFP144
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
Alternate: TIMER15_MCH0, TIMER3_CH0, EXMC_D11,
I2C0_SCL, I2C3_SCL, USART0_TX, CAN1_TX,
OSPIM_P0_CSN, HPDF_DATAIN5, EXMC_SDNE1,
DCI_D5, UART4_TX, EVENTOUT
PB7
137
I/O
Default: PB7
Alternate: TIMER16_MCH0, TIMER3_CH1, I2C0_SDA,
I2C3_SDA, USART0_RX, HPDF_CKIN5,
EXMC_NL/EXMC_NADV, DCI_VSYNC, EVENTOUT
Additional: LVD_IN
BOOT
138
I/O
Default: BOOT
PB8
139
I/O
Default: PB8
Alternate: TIMER15_CH0, TIMER3_CH2, HPDF_CKIN7,
I2C0_SCL, I2C3_SCL, SDIO0_CKIN, UART3_RX,
CAN0_RX, SDIO1_D4, SDIO0_D4, DCI_D6, TLI_B6,
EVENTOUT
PB9
140
I/O
Default: PB9
Alternate: TIMER16_CH0, TIMER3_CH3, HPDF_DATAIN7,
I2C0_SDA, SPI1_NSS, I2S1_WS, I2C3_SDA,
SDIO0_CMDDIR, UART3_TX, CAN0_TX, SDIO1_D5,
I2C3_SMBA, SDIO0_D5, DCI_D7, TLI_B7, EVENTOUT
PE0
141
I/O
Default: PE0
Alternate: TIMER3_ETI, UART7_RX, SAI1_MCLK0,
EXMC_NBL0, DCI_D2, TLI_R0, EVENTOUT
PE1
142
I/O
Default: PE1
Alternate: UART7_TX, EXMC_NBL1, DCI_D3, TLI_R6,
EVENTOUT
PDR_ON
143
P
-
Default: PDR_ON(5)
VDD
144
P
-
Default: VDD
Notes:
(1)
Type: I = input, O = output, P = power.
(2)
I/O Level: 5VT = 5 V tolerant.
(3)
USBHS0_DM and USBHS0_DP pins can only be used for USBHS.
(4)
PC2_C and PC3_C can only be used as analog pins.
(5)
PDR_ON pin should be pulled up to VDD, refer to Figure 4-3. Recommended PDR_ON
pin circuit(1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com