Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 98 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 98 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 96Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 97Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 98Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 99Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 100Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 101Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 102Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 151 page
background image
GD32H757xx Datasheet
97
characteristics(5)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLXTAL(1)
Crystal or ceramic
frequency
—
—
32.768
—
kHz
CLXTAL(2) (3)
Recommended matching
capacitance on OSC32IN
and OSC32OUT
—
—
15
—
pF
DutyLXTAL(2)
Crystal or ceramic duty
cycle
—
30
—
70
%
gm(2)
Oscillator transconductance
LXTALDRI[1:0] = 00
—
4.88
—
μA/V
LXTALDRI[1:0] = 01
—
7.32
—
LXTALDRI[1:0] = 10
—
14.61
—
LXTALDRI[1:0] = 11
—
21.94
—
IDD(LXTAL)(1)
Crystal or ceramic operating
current
LXTALDRI[1:0] = 00
—
480
—
nA
LXTALDRI[1:0] = 01
—
590
—
LXTALDRI[1:0] = 10
—
900
—
LXTALDRI[1:0] = 11
—
1210
—
tST(LXTAL)(1)(4)
Crystal or ceramic startup
time
LXTALDRI[1:0] = 00
—
453.9
—
ms
LXTALDRI[1:0] = 01
—
322.7
—
LXTALDRI[1:0] = 10
—
220.4
—
LXTALDRI[1:0] = 11
—
192.4
—
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.
(3)
CLXTAL1 = CLXTAL2 = 2*(CLOAD - CS), For CLXTAL1 and CLXTAL2, it is recommended matching capacitance on OSC32IN
and OSC32OUT. For CLOAD, it is crystal/ceramic load capacitance, provided by the crystal or ceramic
manufacturer. For CS, it is PCB and MCU pin stray capacitance.
(4)
tST(LXTAL) is the startup time measured from the moment it is enabled (by software) to the 32.768 kHz oscillator
stabilization flags is set. This value varies significantly with the crystal manufacturer.
(5)
More details about gm could be found in AN052 GD32 MCU Resonator-Based Clock Circuits.
Table 4-18. Low speed external user clock characteristics (LXTAL in bypass mode)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLXTAL_ext(1)
External clock source or oscillator
frequency
VDD = 3.3 V
—
32.768 1000 kHz
VLXTALH(2)
OSC32IN input pin high level voltage
—
0.7
VDD
—
VDD
V
VLXTALL(2)
OSC32IN input pin low level voltage
—
VSS
—
0.3 VDD
tH/L(LXTAL) (2)
OSC32IN high or low time
—
450
—
—
ns
tR/F(LXTAL) (2)
OSC32IN rise or fall time
—
—
—
50
DutyLXTAL
Duty cycle
—
30
50
70
%
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com