Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 151 page
background image
GD32H757xx Datasheet
12
2.2.
Block diagram
Figure 2-1. GD32H757xx block diagram
Powered By VBAT
DTCM
RAM
TPIU
SW/JTA G
ARM Cortex-M7
Processor
Fmax: 600MHz
DMA0
M
P
DMA1
M
P
MDMA
ENET0
IPA
FMC
Flash Memory
SRAM0
SRAM1
AHB2 Per ipheral s
TRNG
CAU
HAU
AHB4 Per ipheral s
HWSEM
CRC
GPIO
RCU
TIMER42
TIMER41
TIMER40
CAN2
TIMER44
CTC
TIMER43
ADC0~2
UART6
RSPDIF
TIMER23
TIMER22
I2C2
MDIO
UART7
RTC
I2C3
I2C1
I2C0
UART4
UART3
USART2
USART1
DAC
SPI2/I2S2
SPI1/I2S1
TIMER6
TIMER5
TIMER4
TIMER1
TIMER3
TIMER2
AHB Interconnect Matrix (Fmax=300MHz)
Powered By VDDA
SAR
ADC
Powered By VDD
IRC64M
LPIRC4M
PLLs
LVD
LXTAL
MPU
I-Cache
32KB
D-Cache
32KB
ITCM
RAM
AXIM
TLI
SDIO0
AXI SRAM
RAM share d
EXMC
AHBP
USBHS0
SDIO1
CPDM
TMU
DCI
FAC
EFUSE
DMAMUX
GPV
APB3
(Fmax=150MHz)
WWDG T
OSP I0
OSP I1
RTDEC0
RTDEC1
AHB1 Per ipheral s
AHB3
EDOUT
TRIGS EL
HPDF
SAI2
CAN1
CAN0
SPI4
TIMER16
TIMER15
TIMER14
SAI1
SAI0
SPI0/I2S0
USART5
USART0
TIMER7
SPI5/I2S5
SPI3
TIMER50
TIMER31
TIMER30
TIMER0
TIMER51
LPDTS
CMP1
SYS CFG
PMU
FWDG T
VREF
CMP0
EXTI
IRC32K
Backup
RAM
PMU
FWDG T
Powered By VDD
POR/PDR
HXTAL
LDO
Powered By EFUSE 1.8V
EFUSE
DAC
VREF
CMP0
CMP1
RTC
Powered By VDD33USB
USB PHY
Powered By LDO (0.9V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com