Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 151 page
background image
GD32H757xx Datasheet
76
Supports stereo stream from 8 to 192 kHz.
Supports automatic symbol rate detection.
Genrate symbol clock.
Check the parity bit of the received data.
Support multiple data processing methods, which can process audio data and user
channel information separately or together.
Supports using DMA communication to receive audio data and user channel
information respectively.
The receiver of Sony/Philips Digital Interface (RSPDIF) module provides the function of
receiving and decoding RSPDIF audio data streams.
3.31.
Serial Audio Interface (SAI)
Two independent audio sub-blocks.
Each audio sub-block can be configured as any of the master/slave and
transmitter/receiver combination with 8-word FIFO.
Local clock divider logic to satisfy the various audio sampling rates.
Flexible audio protocol configuration such as I2S, PCM/DSP, AC’97, LSB or MSB-
justified and TDM.
PDM interface, supporting up to 3 microphone pairs.
Mono/Stereo audio capability with mute option.
Frame Synchronization configuration (active level, active length and offset).
Each audio frame contains up to 16 configurable slots.
Slot length is flexible, and can be configured as active or inactive.
Each slot can hold a data of size 8-, 10-, 16-, 20-, 24-, and 32-bits with configurable first
bit offset, and configurable LSB or MSB data transfer.
Two independent DMA interface for each audio sub-block. Support slave mode with a
frequency up to 4MHz.
The Serial Audio Interface (SAI) is designed to target a wide range of commonly used audio
protocols, both in mono and stereo modes, such as I2S, PCM/DSP, AC’97, LSB or MSB-
justified and TDM. SPDIF output is offered when the audio block is configured as a transmitter.
The SAI can be configured to any of the master/slave and transmitter/receiver combination,
full/half-duplex operating mode depends on synchronous/asynchronous configuration of the
audio sub-blocks.
3.32.
Image processing accelerator (IPA)
Copy one source image to the destination image.
Convert one source image to the destination image with specific pixel format.
Convert and blend two source images to the destination image with specific pixel format.
Fill up the destination image with a specific color.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com