Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 97 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 97 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 93Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 96Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 97Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 98Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 99Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 100Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 101Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 151 page
background image
GD32H757xx Datasheet
96
characteristics(4)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHXTAL(1)
Crystal or ceramic frequency
1.71 V ≤ VDD ≤ 3.6 V
4
25
50
MHz
RF(2)
Feedback resistor
VDD = 3.3 V
—
400
—
k
Ω
CHXTAL(2) (3)
Recommended matching
capacitance on OSCIN and
OSCOUT
—
—
20
30
pF
DutyHXTAL(2)
Crystal or ceramic duty cycle
—
30
50
70
%
gm(2)
Oscillator transconductance
Startup
—
27
—
mA/V
IDD(HXTAL) (1)
Crystal or ceramic operating
current
HXTAL = 25 MHz
—
0.58
—
mA
tST(HXTAL)(1)
Crystal or ceramic startup time
HXTAL = 25 MHz
—
334
—
μs
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.
(3)
CHXTAL1 = CHXTAL2 = 2*(CLOAD - CS), For CHXTAL1 and CHXTAL2, it is recommended matching capacitance on OSCIN
and OSCOUT. For CLOAD, it is crystal/ceramic load capacitance, provided by the crystal or ceramic
manufacturer. For CS, it is PCB and MCU pin stray capacitance.
(4)
More details about gm could be found in AN052 GD32 MCU Resonator-Based Clock Circuits.
Table 4-16. High speed external clock characteristics (HXTAL in bypass mode)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHXTAL_ext(1)
External clock source or oscillator
frequency
1.71 V ≤ VDD ≤
3.6 V
1
—
50
MHz
VHXTALH(2)
OSCIN input pin high level
voltage
VDD = 3.3 V
0.7 VDD
—
VDD
V
VHXTALL(2)
OSCIN input pin low level voltage
VSS
—
0.3 VDD
V
tH/L(HXTAL) (2)
OSCIN high or low time
—
5
—
—
ns
tR/F(HXTAL) (2)
OSCIN rise or fall time
—
—
—
10
ns
DutyHXTAL (2)
Duty cycle
—
40
—
60
%
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.
Table 4-17. Low speed external clock (LXTAL) generated from a crystal/ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com