Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 83 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 83 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 151 page
background image
GD32H757xx Datasheet
82
3.45.
Hardware semaphore (HWSEM)
32 semaphores.
An interrupt is generated when a semaphore is unlocked.
Semaphore is unlocked only when MID[3:0] and PID[7:0] are matched.
Hardware semaphore (HWSEM) provides a non-blocking mechanism to ensure the
synchronous of processes. HWSEM realizes 32 semaphores in an atomic way, supporting
semaphore write lock and read lock, and semaphore can only be unlocked when bus master
and process are matched.
3.46.
Universal serial bus high-speed interface (USBHS)
Supports USB 2.0 Host mode at High-Speed(480Mb/s), Full-Speed(12Mb/s) or Low-
Speed(1.5Mb/s).
Supports USB 2.0 device mode at High-Speed(480Mb/s) or Full-Speed(12Mb/s).
Supports OTG protocol with HNP (Host Negotiation Protocol) and SRP (Session
Request Protocol).
USB High-Speed (USBHS) controller provides a USB-connection solution for portable
devices. USBHS supports both host and device modes, as well as OTG mode with HNP (Host
Negotiation Protocol) and SRP (Session Request Protocol). USBHS contains an embedded
USB PHY internal which can be configured as High-Speed or Full-Speed. USBHS supports
all the four types of transfer (control, bulk, Interrupt and isochronous) defined in USB 2.0
protocol. There is also a DMA engine operating as an AHB bus master in USBHS to speed
up the data transfer between USBHS and system. For Full-Speed operation, battery charging
detection (BCD), attach detection protocol (ADP), and link power management (LPM) are
also supported.
3.47.
Debug mode
JTAG and SWD Debug Port.
The GD32H757xx series provide a large variety of debug, trace and test features. They are
implemented with a standard configuration of the Arm® CoreSight™ module together with a
daisy chained standard TAP controller. Debug and trace functions are integrated into the
ARM® Cortex®-M7. The debug system supports serial wire debug (SWD) and trace functions
in addition to standard JTAG debug.
3.48.
Package and operation temperature
LQFP144 (GD32H757Zx), BGA100\LQFP100 (GD32H757Vx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com